Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1705V-R1 Datasheet(PDF) 15 Page - New Japan Radio

Part # NJG1705V-R1
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1705V-R1 Datasheet(HTML) 15 Page - New Japan Radio

Back Button NJG1705V-R1 Datasheet HTML 11Page - New Japan Radio NJG1705V-R1 Datasheet HTML 12Page - New Japan Radio NJG1705V-R1 Datasheet HTML 13Page - New Japan Radio NJG1705V-R1 Datasheet HTML 14Page - New Japan Radio NJG1705V-R1 Datasheet HTML 15Page - New Japan Radio NJG1705V-R1 Datasheet HTML 16Page - New Japan Radio NJG1705V-R1 Datasheet HTML 17Page - New Japan Radio NJG1705V-R1 Datasheet HTML 18Page - New Japan Radio NJG1705V-R1 Datasheet HTML 19Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
NJG1705V
- 15 -
nTYPICAL CHARACTERISTICS (LNA+MIXER 1.9GHz band f
LO=1660MHz)
Condition
fIF=240MHz
PRF=-50dBm
PLO=-10dBm
VLNA=VMIX=VLO=2.7V
Lower LOCAL
Condition
fIF=240MHz
fRF=1900MHz,PRF=-50dBm
fLO=1660MHz
VLNA=VMIX=VLO=2.7V
IIP3=
3IF-IM3
2
-Gc
@PRF=-35dBm
Condition
fIF=240MHz
fRF1=1900.0MHz, PRF=-35dBm
fRF2=1900.1MHz
fLO=1660MHz
VLNA=VMIX=VLO=2.7V
OIP3=
3IF-IM3
2
-10
-5
0
5
10
15
-25
-20
-15
-10
-5
0
-40
-35
-30
-25
-20
-15
-10
-5
0
Output-IP3 , Input-IP3 vs. LO Power
LO Power (dBm)
IIP3
OIP3
(V
LNA
=V
MIX
=VLO=2.7V,f
RF
=1900+1900.1MHz,f
LO
=1660MHz)
14
16
18
20
22
24
1
2
3
4
5
6
1.8
1.85
1.9
1.95
2
Conversion Gain , Noise Figure
vs. RF Frequency
RF Frequency (GHz)
Gc
NF
(V
LNA
=V
MIX
=V
LO
=2.7V)
12
14
16
18
20
22
1
2
3
4
5
6
-40
-30
-20
-10
0
10
Conversion Gain , Noise Figure vs. LO Power
LO Power (dBm)
Gc
NF
(V
LNA
=V
MIX
=V
LO
=2.7V,f
RF
=1900MHz,f
LO
=1660MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com