Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1705V-R1 Datasheet(PDF) 23 Page - New Japan Radio

Part # NJG1705V-R1
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1705V-R1 Datasheet(HTML) 23 Page - New Japan Radio

Back Button NJG1705V-R1 Datasheet HTML 18Page - New Japan Radio NJG1705V-R1 Datasheet HTML 19Page - New Japan Radio NJG1705V-R1 Datasheet HTML 20Page - New Japan Radio NJG1705V-R1 Datasheet HTML 21Page - New Japan Radio NJG1705V-R1 Datasheet HTML 22Page - New Japan Radio NJG1705V-R1 Datasheet HTML 23Page - New Japan Radio NJG1705V-R1 Datasheet HTML 24Page - New Japan Radio NJG1705V-R1 Datasheet HTML 25Page - New Japan Radio NJG1705V-R1 Datasheet HTML 26Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
NJG1705V
- 23 -
nAPPLICATION CIRCIT
1.5GHz band
1.9GHz band
Upper
LOCAL
Lower
LOCAL
Upper
LOCAL
PART ID
f
LO=1619MHz
f
IF=130MHz
f
LO=1660MHz
f
IF=240MHz
f
LO=2095.2MHz
f
IF=135.2MHz
COMMENT
L1
10nH
4.7nH
4.7nH
TAIYO-YUDEN (HK1005)
L2
10nH
4.7nH
4.7nH
TAIYO-YUDEN (HK1005)
L3
8.2nH
4.7nH
4.7nH
TAIYO-YUDEN (HK1005)
L4
12nH
4.7nH
4.7nH
TAIYO-YUDEN (HK1005)
L5
8.2nH
4.7nH
3.9nH
TAIYO-YUDEN (HK1005)
L6
82nH
47nH
82nH
TAIYO-YUDEN (HK1005)
L7
33nH
18nH
33nH
TAIYO-YUDEN (HK1005)
L8
15nH
12nH
8.2nH
TAIYO-YUDEN (HK1005)
L9
15nH
18nH
10nH
TAIYO-YUDEN (HK1005)
L10
6.8nH
6.8nH
3.9nH
TAIYO-YUDEN (HK1005)
C1
30pF
30pF
30pF
MURATA(GRM36)
C2
0.5nH
0.5pF
0.5pF
MURATA(GRM36)
C3
1000pF
1000pF
1000pF
MURATA(GRM36)
C4
11pF
5pF
11pF
MURATA(GRM36)
C5
1000pF
1000pF
1000pF
MURATA(GRM36)
C6
10pF
10pF
10pF
MURATA(GRM36)
C7
100pF
100pF
100pF
MURATA(GRM36)
C8
1000pF
1000pF
1000pF
MURATA(GRM36)
C9
1000pF
1000pF
1000pF
MURATA(GRM36)
C10
100pF
100pF
100pF
MURATA(GRM36)
R1
10
Ω
10
Ω
10
Ω
TAMA Electronics (CRG16G)
IF
Zo=50
Ω
MIXER IN
RF OUT
6
7
8
9
10
1
2
3
4
5
L
L2
C1
L3
C2
L4
L5
L8
L9
L6
L7
C4
C6
C7
C
L10
R1
RF IN
V
LNA
Zo=50
Ω
LOCAL IN
Zo=50
Ω
V
MIX
C3
C5
C9
C10
V
L
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com