Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1705V-R1 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJG1705V-R1
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1705V-R1 Datasheet(HTML) 4 Page - New Japan Radio

  NJG1705V-R1 Datasheet HTML 1Page - New Japan Radio NJG1705V-R1 Datasheet HTML 2Page - New Japan Radio NJG1705V-R1 Datasheet HTML 3Page - New Japan Radio NJG1705V-R1 Datasheet HTML 4Page - New Japan Radio NJG1705V-R1 Datasheet HTML 5Page - New Japan Radio NJG1705V-R1 Datasheet HTML 6Page - New Japan Radio NJG1705V-R1 Datasheet HTML 7Page - New Japan Radio NJG1705V-R1 Datasheet HTML 8Page - New Japan Radio NJG1705V-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
NJG1705V
- 4 -
nELECTRICAL CHARACTERISTICS 2 (1.9GHz band)
COMMON CONDITIONS: T
a=+25°C, VLNA=VMIX=VLO=2.7V, fRF=1900MHz, fLO=1660MHz, fIF=240MHz,
P
RF=-50dBm, PLO=-10dBm, Zs=Zl=50Ω, Application Circuit,
1.9GHz band, f
LO=1660MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency
freq
1890
1900
1920
MHz
LNA Voltage
V
LNA
2.5
2.7
4.5
V
MIXER Voltage
V
MIX
2.5
2.7
4.5
V
Local Amplifier Voltage
V
LO
2.5
2.7
4.5
V
LNA Current *1
I
LNA
RF, LO=OFF
-
3.5
5.0
mA
MIXER Current *2
I
MIX
RF, LO=OFF
-
5.0
6.6
mA
Local Amplifier Current *3
I
LO
RF, LO=OFF
-
1.0
2.0
mA
Total Current
I
AL
RF, LO=OFF
-
9.5
13.6
mA
Conversion Gain
Gc
18.5
20.5
-
dB
Gain Flatness
G
flat
f
RF=1890-1920MHz
-
1.3
1.8
dB
Noise Figure
NF
-
2.2
2.5
dB
1dB Gain Output Compression
Output Power
P-1dB
-3.0
-1.0
-
dBm
Input 3’rd Intercept Point
IIP3
f
RF=1900.0+1900.1MHz
-14.0
-10.0
-
dBm
Image Suppression Level
IMR
-
-6.5
-4.5
dBc
RF IN VSWR
VSWR
I
-
2.0
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com