Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1705V-R1 Datasheet(PDF) 24 Page - New Japan Radio

Part # NJG1705V-R1
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1705V-R1 Datasheet(HTML) 24 Page - New Japan Radio

Back Button NJG1705V-R1 Datasheet HTML 18Page - New Japan Radio NJG1705V-R1 Datasheet HTML 19Page - New Japan Radio NJG1705V-R1 Datasheet HTML 20Page - New Japan Radio NJG1705V-R1 Datasheet HTML 21Page - New Japan Radio NJG1705V-R1 Datasheet HTML 22Page - New Japan Radio NJG1705V-R1 Datasheet HTML 23Page - New Japan Radio NJG1705V-R1 Datasheet HTML 24Page - New Japan Radio NJG1705V-R1 Datasheet HTML 25Page - New Japan Radio NJG1705V-R1 Datasheet HTML 26Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
NJG1705V
- 24 -
nRECOMMENDED PCB DESIGN
Caution on using devices.
[ 1 ] Please place R1 close to the VLO terminal (5th pin), and L10 to R1.
[ 2 ] Please place C1 close to the LNACAP terminal (2nd pin).
[ 3 ] Please place C3 close to L3.
[ 4 ] Please place C3 close to C6, C7, and C8
[ 5 ] Please place L10 close to C9, C10.
IFOUT
LNAIN
LOIN
L1
C1
L6
C6
C7
C9
C10
C3
L5
L8
V
LO
V
MIX
V
LNA
(Top View)
PCB (FR-4): t=0.2mm
STRIP LINE WIDTH
=0.4mm (Z
0=50Ω)
PCB SIZE
=23.0x17.0mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com