Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1705V-R1 Datasheet(PDF) 20 Page - New Japan Radio

Part # NJG1705V-R1
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1705V-R1 Datasheet(HTML) 20 Page - New Japan Radio

Back Button NJG1705V-R1 Datasheet HTML 16Page - New Japan Radio NJG1705V-R1 Datasheet HTML 17Page - New Japan Radio NJG1705V-R1 Datasheet HTML 18Page - New Japan Radio NJG1705V-R1 Datasheet HTML 19Page - New Japan Radio NJG1705V-R1 Datasheet HTML 20Page - New Japan Radio NJG1705V-R1 Datasheet HTML 21Page - New Japan Radio NJG1705V-R1 Datasheet HTML 22Page - New Japan Radio NJG1705V-R1 Datasheet HTML 23Page - New Japan Radio NJG1705V-R1 Datasheet HTML 24Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
NJG1705V
- 20 -
nTYPICAL CHARACTERISTICS (LNA 1.9GHz band f
LO=1660MHz)
Condition
VLNA=2.7V
VMIX=VLO=0V
Condition
VLNA=2.7V
VMIX=VLO=0V
Condition
fRF=1900.0+1900.1MHz
VLNA=2.7V
VMIX=VLO=0V
0
0.5
1
1.5
2
2.5
3
1.7
1.8
1.9
2
NF vs. frequency
frequency(GHz)
(V
LNA
=2.7V)
-25
-20
-15
-10
-5
0
5
10
15
20
25
-50
-40
-30
-20
-10
0
10
20
30
40
50
1
1.5
2
2.5
3
S11,S21,S12,S22 Vs. frequency
frequency(GHz)
(V
LNA
=2.7V)
S21
S22
S11
S12
-70
-60
-50
-40
-30
-20
-10
0
10
-40
-35
-30
-25
-20
-15
-10
-5
0
RF POWER vs. Pout,IM3
RF POWER(dBm)
Pout
IM3
(V
LNA
=2.7V,freq=1900+1900.1MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com