Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL0163Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGL0163Z
Description  100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0163Z Datasheet(HTML) 2 Page - RF Micro Devices

  SGL0163Z Datasheet HTML 1Page - RF Micro Devices SGL0163Z Datasheet HTML 2Page - RF Micro Devices SGL0163Z Datasheet HTML 3Page - RF Micro Devices SGL0163Z Datasheet HTML 4Page - RF Micro Devices SGL0163Z Datasheet HTML 5Page - RF Micro Devices SGL0163Z Datasheet HTML 6Page - RF Micro Devices SGL0163Z Datasheet HTML 7Page - RF Micro Devices SGL0163Z Datasheet HTML 8Page - RF Micro Devices SGL0163Z Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGL0163Z
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (ID)45
mA
Max Device Voltage (VS)5
V
Max RF Input Power
+10
dBm
Max Junction Temp (TJ)+150
°C
Operating Temp Range (TLEAD)
-40 to +85
°C
Max Storage Temp
+150
°C
ESD Rating - Human Body Model
(HBM)
1A
Class
Moisture Sensitivity Level
1
MSL
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.
Device Voltage (VD) vs. Device Current (ID) Over Temperature
Load lines for VS = +5 Volts, RB2 = 43 W and 180 W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
611
16
21
26
ID (mA)
-40°C
+25°C
+85°C
VS= +5 V, RB2 = 43 W
VS = +5 V, RB2 = 180 W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com