Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL0163Z Datasheet(PDF) 7 Page - RF Micro Devices

Part # SGL0163Z
Description  100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0163Z Datasheet(HTML) 7 Page - RF Micro Devices

  SGL0163Z Datasheet HTML 1Page - RF Micro Devices SGL0163Z Datasheet HTML 2Page - RF Micro Devices SGL0163Z Datasheet HTML 3Page - RF Micro Devices SGL0163Z Datasheet HTML 4Page - RF Micro Devices SGL0163Z Datasheet HTML 5Page - RF Micro Devices SGL0163Z Datasheet HTML 6Page - RF Micro Devices SGL0163Z Datasheet HTML 7Page - RF Micro Devices SGL0163Z Datasheet HTML 8Page - RF Micro Devices SGL0163Z Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7 of 9
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGL0163Z
SOT-363 PCB Pad Layout
SOT-363 Nominal Package Dimensions
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin Names and Description
Pin
Function
Description
1NC
No Electrical Connection. Provide an isolated (ungrounded) solder pad for mounting integrity.
2GND
Connection to Ground. Provide via holes as close to the device ground leads as possible to reduce ground inductance
and achieve optimum RF performance.
3RF IN
RF Input Pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation.
4DC BIAS
Voltage Supply Connection. Bypass with suitable capacitors.
5GND
Connection to Ground. Provide via holes as close to the device ground leads as possible to reduce ground inductance
and achieve optimum RF performance.
6RF OUT/
BIAS
RF Output and Voltage Supply. DC voltage is present on this pin, therefore a DC blocking capacitor is necessary for
proper operation.
0.026
0.075
0.016
0.035
Pad Layout
Notes:
1. Provide a ground pad area under device pins 2 & 5
with plated via holes to the PCB ground plane.
2. We recommend 1 or 2 ounce copper. Measure-
ments for this data sheet were made on a 31 mil
thick Getek with 1 ounce copper on both sides.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com