Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL0163Z Datasheet(PDF) 3 Page - RF Micro Devices

Part # SGL0163Z
Description  100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0163Z Datasheet(HTML) 3 Page - RF Micro Devices

  SGL0163Z Datasheet HTML 1Page - RF Micro Devices SGL0163Z Datasheet HTML 2Page - RF Micro Devices SGL0163Z Datasheet HTML 3Page - RF Micro Devices SGL0163Z Datasheet HTML 4Page - RF Micro Devices SGL0163Z Datasheet HTML 5Page - RF Micro Devices SGL0163Z Datasheet HTML 6Page - RF Micro Devices SGL0163Z Datasheet HTML 7Page - RF Micro Devices SGL0163Z Datasheet HTML 8Page - RF Micro Devices SGL0163Z Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGL0163Z
SGL-0163 Noise Figure
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
Freq. (MHz)
+3V
+4V
P1dB vs Frequency
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
Freq. (MHz)
+3V
+4V
Input IP3 vs Frequency
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
Freq. (MHz)
+3V
+4V
Output IP3 vs Frequency
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
Freq. (MHz)
+3V
+4V
Typical RF Performance at V
S = 3 V and 4 V -- 800-1300 MHz Evaluation Board -- TLEAD=+25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com