Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL0163Z Datasheet(PDF) 8 Page - RF Micro Devices

Part # SGL0163Z
Description  100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0163Z Datasheet(HTML) 8 Page - RF Micro Devices

  SGL0163Z Datasheet HTML 1Page - RF Micro Devices SGL0163Z Datasheet HTML 2Page - RF Micro Devices SGL0163Z Datasheet HTML 3Page - RF Micro Devices SGL0163Z Datasheet HTML 4Page - RF Micro Devices SGL0163Z Datasheet HTML 5Page - RF Micro Devices SGL0163Z Datasheet HTML 6Page - RF Micro Devices SGL0163Z Datasheet HTML 7Page - RF Micro Devices SGL0163Z Datasheet HTML 8Page - RF Micro Devices SGL0163Z Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGL0163Z
800MHz to 1300MHz Application Circuit
Evaluation Board Layout
SGL0163Z
C
B
C
D2
+V
S
L
B
R
B1
(OPT.)
B1
(OPT.)
C
D1
R
B2
5
4
6
3
RF
INPUT
C
B
RF
OUTPUT
NOTE: Pin 1 must be electrically floating. Do
not connect to ground. Provide an isolated
solder pad for mounting integrity.
Application Circuit Element Values
Reference
Designator
Value
Manufact
urer & Part No.
L
B
33 nH
TOKO LL 1608-FSL33NJ
B1 1
1500 Ohms
@100 MHz
FAIR-RITE 2508051527y0
Ferrite Bead
C
B
, C
D1
0.1 uF
SAMSUNG CL10B103KBNC
C
D2
22 pF
ROHM MCH185AA220DJK
R
B1
1
47 Ohms
PHILLIPS 9C06031A47R0 JL HFT
R
B2
2
0 Ohms
PHILLIPS 9C06031A0R00 JL HFT
Notes:
1. B1 and R
B1
provide improved K-factor but are optional.
2. R
B2
may be introduced as a voltage dropping resistor for use with
supply voltages greater than the desired device bias voltage.
Note: Circuit board dielectric
material is GETEK, ML200C
ECB-101761
RF
IN
RF
OUT
Rev B
+V
S
GND
B1
C
B
R
B2
L
B
C
B
C
D1
C
D2
R
B1
SGL0163Z



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com