Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL0163Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGL0163Z
Description  100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0163Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGL0163Z Datasheet HTML 1Page - RF Micro Devices SGL0163Z Datasheet HTML 2Page - RF Micro Devices SGL0163Z Datasheet HTML 3Page - RF Micro Devices SGL0163Z Datasheet HTML 4Page - RF Micro Devices SGL0163Z Datasheet HTML 5Page - RF Micro Devices SGL0163Z Datasheet HTML 6Page - RF Micro Devices SGL0163Z Datasheet HTML 7Page - RF Micro Devices SGL0163Z Datasheet HTML 8Page - RF Micro Devices SGL0163Z Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
1 of 9
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
SGL0163Z
100MHz to 1300MHz SILICON GERMANIUM
CASCADABLE LOW NOISE AMPLIFIER
The SGL0163Z is a high performance SiGe HBT MMIC low noise amplifier
featuring one-micron emitters with FT up to 50GHz. This device has an
internal temperature compensation circuit permitting operation directly
from supply voltages as low as 2.5V. The SGL0163Z has been character-
ized at VD=3V for low power and 4V for medium power applications. Only
two DC-blocking capacitors, a bias resistor, and an optional RF choke are
required for operation from 800MHz to 1300MHz.
RF In
RF Out / V
S
V
S
Temperature
Compensation
Circuit
Internally Matched to 50
800MHz to 1300MHz
High Input/Output Intercept
Low Noise Figure: 1.2dB Typ.
at 900MHz
Low Power Consumption
Single Voltage Supply Opera-
tion
Internal Temperature Com-
pensation
Applications
Receivers, GPS, RFID
Cellular, Fixed Wireless, Land
Mobile
DS111011
Package: SOT-363
SGL0163Z
100MHz to
1300MHz Sili-
con Germa-
nium
Cascadable
Low Noise
Amplifier
Parameter
Specification (VS=3V)
Specification (VS=4V)
Unit
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Small Signal Gain
15.7
16.6
dB
800MHz
14.0
15.5
17.0
15.8
dB
900MHz
14.1
15.0
dB
1000MHz
Output Power at 1dB Compres-
sion
4.4
9.9
dBm
800MHz
3.2
5.2
10.1
dBm
900MHz
5.6
10.5
dBm
1000MHz
Input Third Order Intercept
Point
Tone Spacing=1MHz
POUT per tone=-13dBm
5.3
12.1
dBm
800MHz
5.0
7.0
13.4
dBm
900MHz
9.0
14.8
dBm
1000MHz
Noise Figure
1.1
1.6
dB
800MHz, ZS=50
1.2
1.7
1.7
dB
900MHz, ZS=50
1.2
1.7
dB
1000MHz, ZS=50
Input Return Loss
10.0
12.5
15.7
dB
900MHz
Output Return Loss
11.5
15.6
17.6
dB
900MHz
Reverse Isolation
20.9
20.9
dB
900MHz
Device Current
9.5
12.0
14.0
23
mA
Thermal Resistance
255
°C/W
Test Conditions: 800MHz to 1300 Application Circuit, TLEAD=25°C, Z0=ZL=50


Similar Part No. - SGL0163Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL0263Z RFMD-SGL0263Z Datasheet
527Kb / 6P
1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0263ZPCK1 RFMD-SGL0263ZPCK1 Datasheet
527Kb / 6P
1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0263ZSQ RFMD-SGL0263ZSQ Datasheet
527Kb / 6P
1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0263ZSR RFMD-SGL0263ZSR Datasheet
527Kb / 6P
1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
More results

Similar Description - SGL0163Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGL-0263 SIRENZA-SGL-0263 Datasheet
185Kb / 5P
1400 - 2500 MHz Silicon Germanium Cascadable Low Noise Amplifier
SGL-0163 SIRENZA-SGL-0163 Datasheet
200Kb / 7P
100 - 1300 MHz Silicon Germanium Cascadable Low Noise Amplifier
logo
Infineon Technologies A...
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
logo
RF Micro Devices
SGL0263Z RFMD-SGL0263Z Datasheet
527Kb / 6P
1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
logo
Infineon Technologies A...
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com