Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1709KC1-R2 Datasheet(PDF) 18 Page - New Japan Radio

Part # NJG1709KC1-R2
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1709KC1-R2 Datasheet(HTML) 18 Page - New Japan Radio

Back Button NJG1709KC1-R2 Datasheet HTML 14Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 15Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 16Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 17Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 18Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 19Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 20Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 21Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 22Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
NJG1709KC1
- 18 -
nTYPICAL CHARACTERISTICS 2 (MIXER, f=1.9GHz, f
LO=1660MHz, with test circuit 2)
-10
-5
0
5
10
15
2
4
6
8
10
12
-40
-30
-20
-10
0
10
Conversion Gain, Noise Figure
vs. LO Power
LO Power (dBm)
Gc
NF
2
4
6
8
10
12
4
6
8
10
12
14
1870
1880
1890
1900
1910
1920
1930
1940
Conversion Gain, Noise Figure
vs. RF Frequency
RF Frequency (MHz)
Gc
NF
Condition
f
IF=240MHz
f
RF=1900MHz, PRF=-30dBm
f
LO=1660MHz
V
MIX=VLO=2.7V
Condition
f
IF=240MHz
f
RF1=1900.0MHz, PRF=-30dBm
f
RF2=1900.1MHz
f
LO=1660MHz
V
MIX=VLO=2.7V
Condition
f
IF=240MHz
P
RF=-30dBm
P
LO=-15dBm
V
MIX=VLO=2.7V
Upper LOCAL
OIP3=
3
×IF−IM3
2
IIP3=OIP3-Gc
@ P
RF =-30dBm
-10
-5
0
5
10
15
-10
-5
0
5
10
15
-40
-30
-20
-10
0
10
OIP3 , IIP3 vs. LO Power
LO Power (dBm)
OIP3
IIP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com