Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1709KC1-R2 Datasheet(PDF) 19 Page - New Japan Radio

Part # NJG1709KC1-R2
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1709KC1-R2 Datasheet(HTML) 19 Page - New Japan Radio

Back Button NJG1709KC1-R2 Datasheet HTML 15Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 16Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 17Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 18Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 19Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 20Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 21Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 22Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 23Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
NJG1709KC1
- 19-
nTYPICAL CHARACTERISTICS 2 (MIXER, f=1.9GHz, f
LO=1660MHz, with test circuit 2)
7
8
9
10
11
12
5
6
7
8
9
10
2.5
3.0
3.5
4.0
4.5
Conversion Gain, Noise Figure
vs. V
MIX
, V
LO
V
MIX
, V
LO
(V)
Gc
NF
-30
-25
-20
-15
-10
-5
0
5
-40
-35
-30
-25
-20
-15
-10
-5
0
IF Output Power vs. RF Power
RF Power (dBm)
-100
-80
-60
-40
-20
0
20
-40
-35
-30
-25
-20
-15
-10
-5
0
IF , IM3 vs. RF Power
RF Power (dBm)
IF
IM3
Condition
f
IF=240MHz
f
RF1=1900.0MHz
f
RF2=1900.1MHz
f
LO=1660MHz, PLO=-15dBm
V
MIX=VLO=2.7V
Condition
f
IF=240MHz
f
RF=1900MHz, PRF=-30dBm
f
LO=1660MHz, PLO=-15dBm
Condition
f
IF=240MHz
f
RF1=1900.0MHz, PRF=-30dBm
f
RF2=1900.1MHz
f
LO=1660MHz, PLO=-15dBm
OIP3=
3
×IF−IM3
2
IIP3=OIP3-Gc
@ P
RF =-30dBm
Condition
f
IF=240MHz
f
RF=1900MHz
f
LO=1660MHz, PLO=-15dBm
V
MIX=VLO=2.7V
6
8
10
12
14
16
-6
-4
-2
0
2
4
2.5
3
3.5
4
4.5
OIP3 , IIP3 vs. V
MIX
, V
LO
V
MIX
, V
LO
(V)
OIP3
IIP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com