Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1709KC1-R2 Datasheet(PDF) 26 Page - New Japan Radio

Part # NJG1709KC1-R2
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1709KC1-R2 Datasheet(HTML) 26 Page - New Japan Radio

Back Button NJG1709KC1-R2 Datasheet HTML 21Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 22Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 23Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 24Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 25Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 26Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 27Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 28Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 29Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
NJG1709KC1
- 26 -
nTEST CIRCUIT
1.5GHz BAND
1.9GHz BAND
Upper LOCAL
Lower LOCAL
PART ID
f
LO=1619MHz
P
LO=-15dBm
f
IF=130MHz
f
LO=1660MHz
P
LO=-15dBm
f
IF=240MHz
COMMENT
L1
12nH
10nH
TAIYO-YUDEN (HK1005)
L2
12nH
6.8nH
TAIYO-YUDEN (HK1005)
L3
10nH
5.6nH
TAIYO-YUDEN (HK1005)
L4
2.7nH
1.5nH
TAIYO-YUDEN (HK1005)
L5
18nH
3.9nH
TAIYO-YUDEN (HK1005)
L6
15nH
1.2nH
TAIYO-YUDEN (HK1005)
L7
82nH
47nH
TAIYO-YUDEN (HK1608)
L8
33nH
18nH
TAIYO-YUDEN (HK1005)
L9
22nH
18nH
TAIYO-YUDEN (HK1005)
L10
15nH
18nH
TAIYO-YUDEN (HK1005)
L11
8.2nH
8.2nH
TAIYO-YUDEN (HK1005)
C1
30pF
7pF
MURATA (GRM36)
C2
39pF
12pF
MURATA (GRM36)
C3
1000pF
1000pF
MURATA (GRM36)
C4
1000pF
1000pF
MURATA (GRM36)
C5
12pF
6pF
MURATA (GRM36)
C6
1000pF
1000pF
MURATA (GRM36)
C7
10pF
10pF
MURATA (GRM36)
C8
100pF
100pF
MURATA (GRM36)
C9
1000pF
1000pF
MURATA (GRM36)
C10
10pF
10pF
MURATA (GRM36)
C11
100pF
100pF
MURATA (GRM36)
R1
18
Ω
10
Ω
CHIP SIZE 1005
R2
18
Ω
-
CHIP SIZE 1005
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com