Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1709KC1-R2 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJG1709KC1-R2
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1709KC1-R2 Datasheet(HTML) 4 Page - New Japan Radio

  NJG1709KC1-R2 Datasheet HTML 1Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 2Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 3Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 4Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 5Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 6Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 7Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 8Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
NJG1709KC1
- 4 -
nTERMINAL INFORMATION
No.
SYMBOL
FUNCTION
1
LNAIN
RF input terminal of LNA. An external matching circuit is required.
2
LNACAP
Terminal for the bypass capacitor of LNA. The bypass capacitor C1 shown
in test circuits should be connected to this terminal as close as possible.
3
GND
Ground terminal (0V)
4
IFOUT
IF signal output terminal. The IF signal is output through external matching
circuit connected to this terminal. Please connect inductances L7, L8 and
power supply as shown in test circuits, since this terminal is also the terminal
of mixer power supply.
5
VLO
Power supply terminal for local amplifier. Please place R1, R2 and L11
shown in test circuits at very close to this terminal.
6
LOIN
Local signal input terminal to local amplifier. An external matching circuit is
required.
7
BPC
Terminal for the bypass capacitor of mixer. The bypass capacitor C4 shown
in test circuits should be connected to this terminal as close as possible.
8
MIXIN
RF signal input terminal to mixer. An external matching circuit is required.
9
GND
Ground terminal (0V)
10
LNAOUT
Signal output terminal of LNA. The RF signal from LNA goes out through
external matching circuit connected to this terminal. Please connect
inductances L3, L4 and power supply as shown in test circuits, since this
terminal is also the terminal of LNA power supply.
CAUTION
1) Ground terminal (No.3, 9) should be connected to the ground plane as close as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com