Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1709KC1-R2 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJG1709KC1-R2
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1709KC1-R2 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJG1709KC1-R2 Datasheet HTML 17Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 18Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 19Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 20Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 21Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 22Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 23Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 24Page - New Japan Radio NJG1709KC1-R2 Datasheet HTML 25Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
NJG1709KC1
- 21-
nTYPICAL CHARACTERISTICS 2 (MIXER, f=1.9GHz, f
LO=1660MHz, with test circuit 2)
1
2
3
4
5
6
7
8
2.5
3
3.5
4
4.5
Noise Figure vs. V
MIX
, V
LO
Temperature Response
-40
oC
-20
o
C
0
oC
+20
oC
+40
oC
+60
o
C
+90
oC
V
MIX
, V
LO
(V)
4
5
6
7
8
9
10
11
12
2.5
3
3.5
4
4.5
Conversion Gain vs. V
MIX
, V
LO
Temperature Response
-40
oC
-20
oC
0
oC
+20
oC
+40
o
C
+60
oC
+90
oC
V
MIX
, V
LO
(V)
Condition
f
IF=240MHz
f
RF=1900MHz,PRF=-30dBm
f
LO=1660MHz, PLO=-15dBm
Condition
f
IF=240MHz
f
RF=1900MHz
f
LO=1660MHz, PLO=-15dBm
Condition
f
IF=240MHz
f
RF1=1900.0MHz,PRF=-30dBm
f
RF2=1900.1MHz
f
LO=1660MHz, PLO=-15dBm
IIP3
=
3
×IF−IM3
2
−Gc
@ P
RF =-30dBm
-4
-3
-2
-1
0
1
2
3
4
2.5
3
3.5
4
4.5
IIP3 vs. V
MIX
, V
LO
Temperature Response
-40
oC
-20
oC
0
o
C
+20
oC
+40
oC
+60
o
C
+90
oC
V
MIX
, V
LO
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com