Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5347A Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2SC5347A
Description  RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5347A Datasheet(HTML) 5 Page - ON Semiconductor

  2SC5347A Datasheet HTML 1Page - ON Semiconductor 2SC5347A Datasheet HTML 2Page - ON Semiconductor 2SC5347A Datasheet HTML 3Page - ON Semiconductor 2SC5347A Datasheet HTML 4Page - ON Semiconductor 2SC5347A Datasheet HTML 5Page - ON Semiconductor 2SC5347A Datasheet HTML 6Page - ON Semiconductor 2SC5347A Datasheet HTML 7Page - ON Semiconductor 2SC5347A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5347A
No. A1087-5/8
S Parameters (Common emitter)
VCE=5V, IC=50mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.358
-141.0
24.005
105.9
0.027
68.4
0.342
-63.0
200
0.354
-165.7
12.593
93.3
0.047
72.7
0.205
-68.4
300
0.355
-176.8
8.532
86.8
0.068
74.1
0.166
-69.7
400
0.359
174.9
6.428
81.9
0.089
73.7
0.149
-72.3
500
0.359
169.3
5.293
77.6
0.110
72.8
0.145
-75.3
600
0.362
163.9
4.360
73.5
0.130
71.7
0.143
-78.6
700
0.366
158.5
3.774
69.9
0.151
70.2
0.147
-82.1
800
0.364
153.5
3.334
66.4
0.171
68.6
0.151
-85.6
900
0.368
149.8
2.995
62.9
0.191
66.7
0.158
-90.1
1000
0.370
145.3
2.725
59.4
0.210
65.1
0.166
-92.3
1100
0.373
141.5
2.494
56.5
0.230
63.0
0.170
-95.1
1200
0.377
137.6
2.307
53.0
0.248
61.4
0.177
-97.8
VCE=5V, IC=20mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.445
-115.4
21.095
113.8
0.032
59.7
0.479
-52.4
200
0.400
-149.6
11.567
97.4
0.049
63.4
0.300
-58.0
300
0.394
-165.7
7.917
89.3
0.066
67.0
0.242
-58.8
400
0.391
-176.5
5.974
82.5
0.085
68.5
0.214
-60.0
500
0.391
176.7
4.845
78.4
0.103
68.8
0.203
-62.2
600
0.392
169.4
4.065
73.9
0.122
68.6
0.199
-64.7
700
0.393
163.8
3.522
70.0
0.141
67.8
0.198
-67.9
800
0.394
158.4
3.114
66.4
0.159
67.1
0.201
-71.2
900
0.396
154.1
2.798
62.5
0.178
65.7
0.204
-74.7
1000
0.399
149.3
2.548
58.9
0.196
64.5
0.212
-78.1
1100
0.403
144.9
2.333
55.5
0.215
62.9
0.218
-81.4
1200
0.408
141.0
2.158
51.8
0.233
61.8
0.224
-84.1
VCE=8V, IC=70mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.328
-141.2
25.505
105.1
0.024
70.5
0.348
-50.8
200
0.323
-165.7
13.334
93.0
0.043
75.0
0.233
-48.9
300
0.323
-176.6
9.025
86.7
0.062
75.8
0.204
-47.0
400
0.326
175.1
6.819
81.8
0.081
75.5
0.191
-48.0
500
0.325
169.5
5.481
77.8
0.100
74.5
0.187
-50.5
600
0.328
163.6
4.612
73.7
0.119
73.4
0.185
-53.6
700
0.330
158.4
3.980
70.2
0.139
71.8
0.188
-57.3
800
0.333
153.5
3.524
66.7
0.157
70.4
0.191
-60.9
900
0.335
150.0
3.148
63.3
0.177
68.5
0.198
-65.1
1000
0.341
144.7
2.866
60.0
0.194
67.1
0.204
-69.0
1100
0.345
141.2
2.629
57.0
0.213
65.1
0.208
-72.1
1200
0.348
138.0
2.424
53.4
0.230
62.6
0.215
-75.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com