Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5347A Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC5347A
Description  RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5347A Datasheet(HTML) 2 Page - ON Semiconductor

  2SC5347A Datasheet HTML 1Page - ON Semiconductor 2SC5347A Datasheet HTML 2Page - ON Semiconductor 2SC5347A Datasheet HTML 3Page - ON Semiconductor 2SC5347A Datasheet HTML 4Page - ON Semiconductor 2SC5347A Datasheet HTML 5Page - ON Semiconductor 2SC5347A Datasheet HTML 6Page - ON Semiconductor 2SC5347A Datasheet HTML 7Page - ON Semiconductor 2SC5347A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5347A
No. A1087-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE
VCE=5V, IC=50mA
60*
270*
Gain-Bandwidth Product
fT
VCE=5V, IC=50mA
3
4.7
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
1.3
2.0
pF
Reverse Transfer Capacitance
Cre
0.9
pF
Forward Transfer Gain
⏐S21e⏐
2
VCE=5V, IC=50mA, f=1GHz
6
8
dB
Noise Figure
NF
VCE=5V, IC=50mA, f=1GHz
1.8
3.0
dB
* : The 2SC5347A is classified by 50mA hFE as follows :
Rank
D
E
F
hFE
60 to 120
90 to 180
135 to 270
Ordering Information
Device
Package
Shipping
memo
2SC5347AE-TD-E
PCP
1,000pcs./reel
Pb Free
2SC5347AF-TD-E
PCP
1,000pcs./reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com