Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5347A Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC5347A
Description  RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5347A Datasheet(HTML) 1 Page - ON Semiconductor

  2SC5347A Datasheet HTML 1Page - ON Semiconductor 2SC5347A Datasheet HTML 2Page - ON Semiconductor 2SC5347A Datasheet HTML 3Page - ON Semiconductor 2SC5347A Datasheet HTML 4Page - ON Semiconductor 2SC5347A Datasheet HTML 5Page - ON Semiconductor 2SC5347A Datasheet HTML 6Page - ON Semiconductor 2SC5347A Datasheet HTML 7Page - ON Semiconductor 2SC5347A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
90512 TKIM/D0308AB MSIM TC-00001778 No. A1087-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
2SC5347A
RF Transistor
12V, 150mA, fT=4.7GHz, NPN Single PCP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
High-frequency medium output amplification (VCE=5V, IC=50mA)
: fT=4.7GHz typ (f=1GHz)
: ⏐S21e⏐
2=8dB typ (f=1GHz)
: NF=1.8dB typ (f=1GHz)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
12
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
150
mA
Collector Dissipation
PC
When mounted on ceramic substrate (900mm2×0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : ENA1087A
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SC5347AE-TD-E
2SC5347AF-TD-E
RANK
2
3
1


Similar Part No. - 2SC5347A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5347A SANYO-2SC5347A Datasheet
78Kb / 6P
High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifier Applications
2SC5347AE-TD-E SANYO-2SC5347AE-TD-E Datasheet
421Kb / 8P
High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifi er Applications
2SC5347AF-TD-E SANYO-2SC5347AF-TD-E Datasheet
421Kb / 8P
High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifi er Applications
More results

Similar Description - 2SC5347A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5415A ONSEMI-2SC5415A Datasheet
296Kb / 8P
RF Transistor 12V, 100mA, fT=6.7GHz, NPN Single PCP
August, 2013
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
MCH4020 ONSEMI-MCH4020 Datasheet
367Kb / 11P
RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
MCH6001 ONSEMI-MCH6001 Datasheet
492Kb / 6P
RF Transistor 8V, 150mA, fT=16GHz NPN Dual MCPH6
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com