Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5347A Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SC5347A
Description  RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5347A Datasheet(HTML) 4 Page - ON Semiconductor

  2SC5347A Datasheet HTML 1Page - ON Semiconductor 2SC5347A Datasheet HTML 2Page - ON Semiconductor 2SC5347A Datasheet HTML 3Page - ON Semiconductor 2SC5347A Datasheet HTML 4Page - ON Semiconductor 2SC5347A Datasheet HTML 5Page - ON Semiconductor 2SC5347A Datasheet HTML 6Page - ON Semiconductor 2SC5347A Datasheet HTML 7Page - ON Semiconductor 2SC5347A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5347A
No. A1087-4/8
S Parameter
S11e
f=100MHz to 1200MHz(100MHz Step)
S21e
f=100MHz to 1200MHz(100MHz Step)
S12e
f=100MHz to 1200MHz(100MHz Step)
S22e
f=100MHz to 1200MHz(100MHz Step)
j50
j25
j10
0
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
16
20
12
8
4
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
0.04 0.08
0.16
0.12
0.2
j50
j25
j10
0
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
ITR08164
ITR08165
ITR08166
ITR08167
10
150 250 500
25
50
100
150 250 500
50
100
10
25
0.1GHz VCE=5V
IC=20mA
VCE=8V
IC=70mA
VCE=5V
IC=50mA
1.2GHz
VCE=5V
IC=50mA
VCE=8V
IC=70mA
VCE=5V
IC=20mA
VCE=5V
IC=50mA
VCE=8V
IC=70mA
VCE=5V
IC=20mA
VCE=8V
IC=70mA
VCE=5V
IC=20mA
0.1GHz
0.1GHz
1.2GHz
0.1GHz
1.2GHz
VCE=5V
IC=50mA
1.2GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com