Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5347A Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC5347A
Description  RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5347A Datasheet(HTML) 3 Page - ON Semiconductor

  2SC5347A Datasheet HTML 1Page - ON Semiconductor 2SC5347A Datasheet HTML 2Page - ON Semiconductor 2SC5347A Datasheet HTML 3Page - ON Semiconductor 2SC5347A Datasheet HTML 4Page - ON Semiconductor 2SC5347A Datasheet HTML 5Page - ON Semiconductor 2SC5347A Datasheet HTML 6Page - ON Semiconductor 2SC5347A Datasheet HTML 7Page - ON Semiconductor 2SC5347A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC5347A
No. A1087-3/8
Collector Current, IC -- mA
NF -- IC
⏐S21e⏐
2 -- IC
Collector Current, IC -- mA
PC -- Ta
Ambient Temperature, Ta --
°C
ITR08161
0
12
10
8
6
4
2
0
12
10
8
6
4
2
1.0
23
5
7
23
3
57
10
100
2
1.0
23
5
7
23
23
57
7
10
100
ITR08162
0
20
40
60
80
100
120
140
160
0
0.4
0.2
0.6
0.8
1.0
1.2
1.3
1.4
ITR08163
VCE=5V
f=1GHz
VCE=5V
f=1GHz
When mounted on ceramic substrate
(900mm2
✕0.8mm)
Cre -- VCB
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V ITR08159
f=1MHz
ITR08160
f=1MHz
3
1.0
10
35
2
0.1
7
35
2
7
72
3
5
3
2
1.0
7
3
5
2
0.1
7
72
10
1.0
0.1
2
3
5
5
7
2
3
1.0
0.1
2
3
5
2
3
5
7
fT -- IC
Collector Current, IC -- mA
ITR08158
23
5
7
7
10
23
23
57 100
1.0
1.0
0.1
5
7
3
2
10
5
7
3
2
VCE=5V
hFE -- IC
Collector Current, IC -- mA
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
5
5
7
100
2
3
1.0
23
5
7
23
5
7
2
3
10
100
IT14231
VCE=5V
160
140
120
100
80
60
40
20
0
02
4
8
10
6
IT14230
IB=0μA
100
μA
200
μA
300μA
400μA
500μA
600μA
700μ
A
800μ
A
900μ
A
1000μ
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com