Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3302 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3302
Description  1.1MHz Fixed-Frequency PWM Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3302 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3302 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary Datasheet
LP3302
LP3302B6F-00
Version 1.0 Datasheet
May.-2013
www.lowpowersemi.com
Page 1 of 13
High Performance, Constant Current Switching
Regulator For White LED
General Description
The LP3302 is a 1.1MHz PWM boost switching regulator
designed for constant current white LED driver applications.
The LP3302 can drive a string of up to 8 white LEDs from a
3.2V supply or 21 white LEDs from a 5V supply in series,
ensuring uniform brightness and eliminating several ballast
resistors. The LP3302 implements a constant frequency
1.1MHz PWM control scheme. The high frequency PWM
operation also saves board space by reducing external
component size. To improve efficiency, the feedback
voltage is set to 250mV, which reduces the power
dissipation in the current setting resistor.
Highly integration and internal compensation network
minimizes as 5 external component counts. Optimized
operation frequency can meet the requirement of small LC
filters value and low operation current with high efficiency.
Ordering Information
LP3302
F:Pb-free
Package Type
B6:SOT23-6
Features
High Efficiency: 88%  
1.1MHz Fixed-Frequency PWM Operation
Maximum Output Voltage up to 29V
Operating Range : 2.7V to 6V
Shutdown Supply Current:<1uA  
Available in SOT23-6 Package  
Built-in Over Voltage Protection  
Minimize the External Component
RoHS Compliant and 100% Lead Pb-Free
Pin Configurations
Applications
WLED Backlight driver
 OLED Backlight driver
 PDA
 DSC
 Camera Flash WLED driver


Similar Part No. - LP3302

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3302S POWER-LP3302S Datasheet
654Kb / 11P
1.1MHz Fixed-Frequency PWM Operation
More results

Similar Description - LP3302

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3205F POWER-LP3205F Datasheet
1Mb / 10P
1.5MHz Fixed-Frequency PWM Operation
LP3301 POWER-LP3301 Datasheet
310Kb / 6P
1.5MHz Fixed-Frequency PWM Operation
LP3302S POWER-LP3302S Datasheet
654Kb / 11P
1.1MHz Fixed-Frequency PWM Operation
LP3311S POWER-LP3311S Datasheet
963Kb / 7P
1MHz Fixed-Frequency PWM Operation
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
Fixed frequency operation
logo
Maxim Integrated Produc...
MAX15062BEVKIT MAXIM-MAX15062BEVKIT Datasheet
1Mb / 8P
500kHz Fixed-Frequency PWM Operation
Rev 0; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com