Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3302 Datasheet(PDF) 12 Page - Lowpower Semiconductor inc

Part # LP3302
Description  1.1MHz Fixed-Frequency PWM Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3302 Datasheet(HTML) 12 Page - Lowpower Semiconductor inc

Back Button LP3302 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 10Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 11Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 12Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 13Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Preliminary Datasheet
LP3302
LP3302B6F-00
Version 1.0 Datasheet
May.-2013
www.lowpowersemi.com
Page 12 of 13
c. Using a Filtered PWM signal
Another common application is using a filtered PWM
signal as an adjustable DC voltage for LED dimming
control. A filtered PWM signal acts as the DC voltage
to regulate the output current. The recommended
application circuit is shown in the Figure 6. In this
circuit, the output ripple depends on the frequency of
PWM signal. For smaller output voltage ripple
(<100mV), the recommended frequency of 2.8V PWM
signal should be above 2kHz. To fix the frequency of
PWM signal and change the duty cycle of PWM signal
can get different output current. According to the
application circuit of Figure 5, output current is from
20.5mA to 5.5mA by adjusting the PWM duty cycle
from 10% to 90%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com