Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3302 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3302
Description  1.1MHz Fixed-Frequency PWM Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3302 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3302 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Preliminary Datasheet
LP3302
LP3302B6F-00
Version 1.0 Datasheet
May.-2013
www.lowpowersemi.com
Page 3 of 13
Application Circuit
LP3302
EN
4
FB
3
Vin
6
OVP
5
LP3302
EN
4
FB
3
Vin
6
OVP
5
LP3302
EN
4
FB
3
Vin
6
OVP
5
LP3302
EN
4
FB
3
Vin
6
OVP
5
12
5.1
Panel
2.2uF
5.1
2.2uF
+
2.2uF
Panel
+
10uH
LP3302 for 7pcs Application Circuit
2.2uF
Rset
+
Rset
2.2uF
10uH
+
2
+
+
LP3302
EN
4
FB
3
Vin
6
OVP
5
10uH
LP3302 for 2X6pcs Application Circuit
Vin
Vin
Rset
Vin
+
Panel
Vin
Panel
2.2uF
2.2uF
2.2uF
Vin
Rset
+
10uH
10uH
Rset
LP3302 for 21pcs Application Circuit
2.2uF
+
+
LP3302 for 4pcs Application Circuit
Panel
LP3302 for 2X7pcs Application Circuit
2.2uF
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com