Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3302 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP3302
Description  1.1MHz Fixed-Frequency PWM Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3302 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP3302 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Preliminary Datasheet
LP3302
LP3302B6F-00
Version 1.0 Datasheet
May.-2013
www.lowpowersemi.com
Page 5 of 13
Function Block Diagram
SLOPE
1.1MHz
OBCILLATOR
ENABLE
4mS
DELAY
PWM_COMP.
R
S
Q
PWM
1
250mV
IN
OUT
LX
FB
EN
GND
Absolute Maximum Ratings
Supply Input Voltage---------------------------------------------------------------------------------------------------−0.3V to 6.5V
LX Input Voltage --------------------------------------------------------------------------------------------------------−0.3V to 36V
OVP Voltage--------------------------------------------------------------------------------------------------------------−0.3V to 27V
The Other Pins ----------------------------------------------------------------------------------------------------------−0.3V to 5.5V
Power Dissipation, PD @ TA = 25°C SOT-23-6 ------------------------------------------------------------------------0.455W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------------ 260°C
Operation Temperature Range -------------------------------------------------------------------------------------−40°C to 80°C
Storage Temperature Range --------------------------------------------------------------------------------------−65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com