Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3302 Datasheet(PDF) 11 Page - Lowpower Semiconductor inc

Part # LP3302
Description  1.1MHz Fixed-Frequency PWM Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3302 Datasheet(HTML) 11 Page - Lowpower Semiconductor inc

Back Button LP3302 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 10Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 11Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 12Page - Lowpower Semiconductor inc LP3302 Datasheet HTML 13Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Preliminary Datasheet
LP3302
LP3302B6F-00
Version 1.0 Datasheet
May.-2013
www.lowpowersemi.com
Page 11 of 13
Applications Information
LED Current Control
The LP3302 regulates the LED current by setting the
current sense resistor (R2) connecting to feedback
and ground. The internal feedback reference voltage is
0.25V. The LED current can be set from following
equation easily.
In order to have an accurate LED current, precision
resistors are preferred (1% is recommended). The
table for R2 selection is shown below.
Inductor Selection
The recommended value of inductor for 2 to 6 WLEDs
applications are 4.7 to 22µH. Small size and better
efficiency are the major concerns for portable device,
such as LP3302 used for mobile phone. The inductor
should have low core loss at 1.1MHz and low DCR for
better efficiency. To avoid inductor saturation current
rating should be considered.
Dimming control
a. Using a PWM Signal to EN Pin
To control the brightness of LED, the LP3302 can
perform the dimming control by applying a PWM signal
to EN pin. The internal soft-start and wide range
dimming frequency from 100Hz to 100KHz can
insignificantly reduce audio noise when dimming. The
average LED current is proportional to the PWM signal
duty cycle. The magnitude of the PWM signal should
be higher than the maximum enable voltage of EN pin,
in order to let the dimming control perform correctly.
b. Using a DC Voltage
Using a variable DC voltage to adjust the brightness is
a popular method in some applications. The dimming
control using a DC voltage circuit is shown in Figure 4.
According to the Superposition Theorem, as the DC
voltage increases, the voltage contributed to VFB
increases and the voltage drop on R2 decreases, i.e.
the LED current decreases. For example, if the VDC
range is from 0V to 2.8V, the selection of resistors in
Figure 4 sets dimming control of LED current from
20mA to 0mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com