Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78073 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP78073
Description  Fixed Charge Current 700mA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78073 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP78073 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Datasheet
LP78073
LP78073 – 00 Version 1.0
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 9
Application Information
The LP78073 is a single cell lithium-ion battery charger using a
constant-current/constant-voltage algorithm. It can deliver up to
700mA of charge current (using a good thermal PCB layout)
with a final float voltage accuracy of ±1%. The LP78073
includes an internal P-channel power MOSFET and thermal
regulation circuitry. No blocking diode or external current sense
resistor is required; thus, the basic charger circuit requires only
two external components. Furthermore, the LP78073 is capable
of operating from a USB power source.
Normal Charge Cycle
A charge cycle begins when. If the BAT pin is less than 2.9V,
the charger enters trickle charge mode. In this mode, the
LP78073 supplies approximately 70mA to bring the battery
voltage up to a safe level for full current charging.
When the BAT pin voltage rises above 2.9V, the charger enters
constant-current mode, where the charge current is 700mA.
When the BAT pin approaches the final float voltage (4.2V), the
LP78073 enters constant-voltage mode and the charge current
begins to decrease. When the charge current drops to 1/10 of
the 700mA, the charge cycle ends.
Charge Status Indicator (CHARGEB)
The charge status output has two different states: strong
pull-down and high impedance. The strong pull-down state
indicates that the LP78073 is in a charge cycle. Once the
charge cycle has terminated, the pin state is determined by
under voltage lockout conditions. A weak pull-down indicates
that the battery is not connecting to chip. High impedance
indicates that the charge cycle is terminated.
Automatic Recharge
Once the charge cycle is terminated, the LP78073 continuously
monitors the voltage on the BAT pin using a comparator with a
2ms filter time (t
RECHARGE). A charge cycle restarts when the
battery voltage falls below 4.1V (which corresponds to
approximately 80% to 90% battery capacity). This ensures that
the battery is kept at or near a fully charged condition and
eliminates the need for periodic charge cycle initiations.
Boost Output voltage Setting
Set the output voltage by selecting the resistive voltage divider
ratio. The voltage divider drops the output voltage to the 1.0V
feedback voltage. Use a 100K resistor for R2 of the voltage
divider. Determine the high-side resistor R1 by the equation:
Vout=(R1/R2+1) x VFB
Vout=(R1/R2+1) x 1.0V
Table:
Vout
R1
R2
C3
3.3V
100K
230K
22pF
5V
100K
400K
22pF
Power Dissipation
The conditions that cause the LP78073 battery charger to
reduce charge current through thermal feedback can be
approximated by considering the total power dissipated in
the IC. For high charge currents, the LP78073 power
dissipation is approximately:
Where PD is the total power dissipated within the IC, ADP is
the input supply voltage, VBAT is the battery voltage, IBAT is
the charge current and PD_BUCK is the power dissipation due
to the regulator. PD_BUCK can be calculated as:
Where VOUTB is the regulated output of the switching regulator,
IOUT is the regulator load and is the regulator efficiency at that
particular load.
It is not necessary to perform worst-case power dissipation
scenarios because the LP78073 will automatically reduce
the charge current to maintain the die temperature at
approximately 125°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com