Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78073 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP78073
Description  Fixed Charge Current 700mA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78073 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP78073 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Preliminary Datasheet
LP78073
LP78073 – 00 Version 1.0
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 9
Functional Pin Description
Pa c k a g e Ty p e
Pi n C o n f i g u r a t i o n s
ESOP-8
4
3
2
1
5
6
7
8
LX
VOUT
FB
VIN
BAT
CHARGB
DB
GND
9
GND
Pin Description
PIN No.
PIN
DESCRIPTION
1
LX
Boost Output switching node. SW is the drain of the internal low-side N-Channel MOSFET and high-side
P-Channel MOSFET. Connect the inductor to LX to Complete the step-up converter.
2
VOUT
Output pin of boost.
3
FB
Boost Feedback pin. The pin voltage is 1.0V.
4
VIN
VIN is the input power source. Connect to a wall adapter.
5
BAT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed for stability when there
is no battery attached. When a battery is attached, only a 0.1µF ceramic capacitor is required.
6
CHARGB
Open-Drain Charge Status Output. When the battery is charging, the CHARGB pin is pulled low by an
internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled High.
7
DB
Open-Drain boost load Status Output. When output of the boost is light, this pin is pulled low by an internal
N-channel MOSFET.
8,9
GND
GND is the connection to system ground.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com