Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78073 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP78073
Description  Fixed Charge Current 700mA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78073 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP78073 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary Datasheet
LP78073
LP78073 – 00 Version 1.0
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 9
Application Circuit
Absolute Maximum Ratings
Input Voltage to GND (VIN) -------------------------------------------- --------------------------------------------- -0.3V to 7V
VOUT---------------------------------------------------------------------------------------------------------------------- -0.3V to 7V
BAT, ISET, CHARGB ----------------------
---------------------------------------------------------------0.3V to VIN+0.3V
BAT Short-Circuit Duration -------------------------------------------------------------------------------------------- Continuous
Maximum Junction Temperature -------------------------------------------------------------------------------------------- 125°C
Operating Junction Temperature Range (TJ) ------------------------------------------------------------------ -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) ------------------------------------------------------------------- 260°C
Thermal Information
Maximum Power Dissipation (PD,TA<40°C) ------------------------------------------------------------------------------ 2.0W
Thermal Resistance (JA) ---------------------------------------------------------------------------------------------------- 46℃/W
LX
1
CHARGE
6
VIN
4
BAT
5
10uF
10uF
1.5K
2.2uH
VIN
FB
3
Vout
2
10uF
62K
15K
Vout
GND
8,9
7
DB
1.5K
BAT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com