Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78073 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP78073
Description  Fixed Charge Current 700mA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78073 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP78073 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
LP78073
LP78073 – 00 Version 1.0
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 9
700mA Charge + 1A Synchronous Boost PMIC
General Description
The LP78073 is a PMIC,which has 1ch Charger and
1ch Synchronous Boost Converter with ESOP-8
package.
Its charger is a complete constant-current constant
voltage linear charger for single cell lithium-ion
batteries. Furthermore, the LP78073 is specifically
designed to work within USB power specifications. No
external sense resistor is needed, and no blocking
diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge
current to limit the die temperature during high power
operation or high ambient temperature. The charge
voltage is fixed at 4.2V, and the charge current is fixed
to 700mA. The charger automatically terminates the
charge cycle when the charge current drops to 1/10th
the ISET rammed value after the final float voltage is
reached. When the input supply (wall adapter or USB
supply) is removed, the LP78073 automatically enters
a low current state, dropping the battery drain current
to less than 180µA.
Other features include charge current monitor, short
current protection, under voltage lockout, automatic
recharge and a status pin to indicate charge
termination and the presence of an input voltage.
Boost converter is Synchronous current mode boost
DC-DC converter. Its PWM circuitry with built-in 2A
Current power MOSFET makes this converter highly
power efficiently. The non-inverting input and its error
amplifier is connected to an internal 1000mV precision
reference voltage.
Order Information
LP78073
□ □
□
F: Pb-Free
Package Type
SP: ESOP-8
Features
Charger:
Fixed Charge Current 700mA
No MOSFET, Sense Resistor or Blocking
Diode Required
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
Boost:
1.0A Output Current Synchronous Boost
Converter at VIN=3V
900KHz fixed frequency switching
High Switch On Current: 2A
Low RDS(ON) Integrated Power Mosfet
Efficiency is 96%
Built-in OVP, OTP, OCP, Soft-Star
Low Standby Current Less Than 180uA
Few External Component Reduce Cost
Consumption Available in ESOP-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Marking Information
Applications
MID/Pad
Power Bank
Smart Phone
Bluetooth Applications
Device
Marking
Package
Shipping
LP78073SPF
SP: ESOP-8
3K/REEL


Similar Part No. - LP78073

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP78073A POWER-LP78073A Datasheet
610Kb / 10P
1A Charge 2.7A Synchronous Boost PMIC
More results

Similar Description - LP78073

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3215 LINER-LTC3215 Datasheet
162Kb / 12P
700mA Low Noise High Current LED Charge Pump
logo
Anpec Electronics Corop...
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
Low IQ, Low Dropout 700mA Fixed Voltage Regulator
logo
Sipex Corporation
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
logo
ams AG
AS3685A AMSCO-AS3685A Datasheet
151Kb / 2P
Ultra Small High Efficiency 700mA Charge Pump for White LED Flash
logo
Torex Semiconductor
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
logo
Torex Semiconductor
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
logo
Linear Technology
LTC3215 LINER-LTC3215_15 Datasheet
669Kb / 14P
700mA Low Noise High Current LED Charge Pump
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
Flash LED Driver with 700mA Charge Pump
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com