Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78073 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP78073
Description  Fixed Charge Current 700mA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78073 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP78073 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78073 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary Datasheet
LP78073
LP78073 – 00 Version 1.0
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 9
Electrical Characteristics
(The specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VIN = 5V,
unless otherwise noted.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
Charge
VIN
Adapter/USB Voltage Range
4.2
5
6.5
V
ICC
Input Supply Current
Charge Mode
300
1000
uA
Standby Mode(Charge Terminated)
200
500
Shutdown Mode
(VIN < VBAT)
25
50
VFLOAT
Regulated Output Voltage
0°C ≤ TA ≤ 85°C
4.158
4.2
4.242
V
IBAT
BAT Pin Current
VBAT=3.7V
700
mA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL
70
mA
VTRIKL
Trickle Charge Threshold Voltage
VBAT Rising
2.8
2.9
3.0
V
VTRHYS
Trickle Charge Hysteresis Voltage
400
mV
VASD
VIN – VBAT Lockout Threshold
Voltage
VIN from Low to High
630
mV
VIN from High to Low
130
mV
ITERM
C/10 Termination Current Threshold Terminal current / Charge current
0.1
mA/mA
ICHARGEB
CHARGEB Pin Pull Down Current
5
mA
ΔVRESTAT
Recharge Battery Threshold Voltage VFLOAT - VRESTAT
100
mV
TOTP
Over Temperature Protection
120
°C
Boost
Vout
Output Voltage Range
Vbat
6
V
Ibat
Supply Current
VIN=3V, Vout=5V,IOUT=0mA
120
180
uA
Vfb
0.98
1.0
1.02
V
Rds(on)
High-Side P-mosfet
100
mΩ
Low-Side N-mosfet
60
mΩ
Fosc
900
KHz
ILimit
Maximum Current Through SW pin
2
A
IOCP
Short Circuit Current
350
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com