Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78092 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP78092
Description  Programmable Charge Current Up to 1000mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78092 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP78092 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 9Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Preliminary Datasheet
LP78092
LP78092 – 00 Version 1.0 Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 10
Application Information
The LP78092 is a single cell lithium-ion battery charger using a
constant-current/constant-voltage algorithm. It can deliver up to
1000mA of charge current (using a good thermal PCB layout)
with a final float voltage accuracy of ±1%. The LP78092
includes an internal P-channel power MOSFET and thermal
regulation circuitry. No blocking diode or external current sense
resistor is required; thus, the basic charger circuit requires only
two external components. Furthermore, the LP78092 is capable
of operating from a USB power source. For LDO part, like any
low-dropout regulator, the external capacitors used with the
LP78092 must be carefully selected for regulator stability and
performance. Using a capacitor whose value is > 2µF on the
LP78092 input and the amount of capacitance can be increased
without limit. The input capacitor must be located a distance of
not more than 0.5 inch from the input pin of the IC and returned
to a clean analog ground. There is a special attention which is
the input capacitance should not be less than output
capacitance. Any good quality ceramic or tantalum can be used
for this capacitor. The capacitor with larger value and lower
ESR (equivalent series resistance) provides better PSRR and
line-transient response. The output capacitor must meet both
requirements for minimum amount of capacitance and ESR in
all LDOs application. The LP78092 is designed specifically to
work with low ESR ceramic output capacitor in space-saving
and performance consideration. Using a ceramic capacitor
whose value is at least 1µF with ESR is > 25mΩ on the
LP78092 output ensures stability. The LP78092 still works well
with output capacitor of other types due to the wide stable ESR
range. Output capacitor of larger capacitance can reduce noise
and improve load transient response, stability, and PSRR. The
output capacitor should be located not more than 0.5 inch from
the VOUT pin of the LP78092 and returned to a clean analog
ground.
Normal Charge Cycle
A charge cycle begins when the voltage at the V
IN pin rises
above the UVLO threshold level and a 1% SET ram resistor is
connected from the SET pin to ground or when a battery is
connected to the charger output. If the BAT pin is less than 2.9V,
the charger enters trickle charge mode. In this mode, the
LP78092 supplies approximately 1/10 the SET rammed charge
current to bring the battery voltage up to a safe level for full
current charging.
When the BAT pin voltage rises above 2.9V, the charger enters
constant-current mode, where the SET rammed charge current
is supplied to the battery. When the BAT pin approaches the
final float voltage (4.2V), the LP78092 enters constant-voltage
mode and the charge current begins to decrease. When the
charge current drops to 1/10 of the SET rammed value, the
charge cycle ends.
RSET ramming Charge Current
The charge current is SET rammed using a single resistor from
the SET pin to ground. The battery charge current is 500 times
the current out of the SET pin. The SET ram resistor and the
charge current are calculated using the following equations:
LP78092:
RSET=1000V/ICHG,ICHG= 1000V/RSET
The charge current out of the BAT pin can be determined at any
time by monitoring the SET pin voltage using the following
equation:
IBAT= VSET x 500/RSET
Note: Vset is 2Volts.
Charge Termination
A charge cycle is terminated when the charge current falls to
1/10th the SET rammed value after the final float voltage is
reached. This condition is detected by using an internal, filtered
comparator to monitor the SET pin. When the SET pin voltage
falls below 100mV for longer than t
TERM (typically 1ms),
charging is terminated. The charge current is latched off and the
LP78092 enters standby mode, where the input supply current
drops to 200µA. (Note: C/10 termination is disabled in trickle
charging and thermal limiting modes).
When charging, transient loads on the BAT pin can cause the
SET pin to fall below 200mV for short periods of time before the
DC charge current has dropped to 1/10th the SET rammed
value. The 1ms filter time (t
TERM) on the termination comparator
ensures that transient loads of this nature do not result in
premature charge cycle termination. Once the average charge
current drops below 1/10th the SET rammed value, the
LP78092 terminates the charge cycle and ceases to provide
any current through the BAT pin. In this state, all loads on the
BAT pin must be supplied by the battery.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com