Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78092 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP78092
Description  Programmable Charge Current Up to 1000mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78092 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP78092 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Datasheet
LP78092
LP78092 – 00 Version 1.0 Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
1A Charge And
Dual Channel Ultra-Fast CMOS LDO Regulator
General Description
The LP78092 is a PMIC,which has 1ch Charger and
2ch LDO with TQFN16 package.
Its charger is a complete constant-current constant
voltage linear charger for single cell lithium-ion
batteries. No external sense resistor is needed, and no
blocking diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge
current to limit the die temperature during high power
operation or high ambient temperature. The charge
voltage is fixed at 4.2V, and the charge current can be
ISET rammed externally with a single resistor. The
charger automatically terminates the charge cycle
when the charge current drops to 1/10th the ISET
rammed value after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is
removed, the LP78092 automatically enters a low
current state, dropping the battery drain current to less
than 8µA.
Other features include charge current monitor, under
voltage lockout, automatic recharge and a status pin to
indicate charge termination and the presence of an
input voltage.
The LP78092 contains a dual channel, low noise, and
low dropout regulator sourcing up to 600mA at each
channel. The range of output voltage is from 0.81V to
Vin by operating from 2.5V to 6.5V input.
LP78092 offers 2% accuracy, extremely low dropout
voltage (280mV @ 400mA), and extremely low ground
current, only 75μA per LDO. The shutdown current is
near zero current which is suitable for battery-power
devices. Other features include current limiting, over
temperature, output short circuit protection.
Order Information
LP78092
□ □
F: Pb-Free
Package Type
QV:TQFN-16
Features
Charger:
Programmable Charge Current Up to 1000mA
No MOSFET, Sense Resistor or Blocking
Diode Required
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly
from USB Port
8µA Leakage Current in Shutdown
Drainage Charge Current Thermal Regulation
Status Outputs for LED or System Interface
LDO:
Wide Operating Voltage Ranges : 2.5V to 6.0V
Low-Noise for RF Applications
High PSRR: -68dB at 1kHz
No Noise Bypass Capacitor Required
Dual LDO Outputs (280mV/400mA)
Ultra-low Quiescent Current 75uA
Built-in Short-Circuit Protection
Consumption Available in TQFN-16 Package
RoHS Compliant and 100% Lead (Pb)-Free
Marking Information
Applications
MID/Pad
Power Bank
Smart Phone
Bluetooth Applications
Device
Marking Package
Shipping
LP78092QVF
QV:TQFN16 3K/REEL


Similar Part No. - LP78092

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP78090 POWER-LP78090 Datasheet
655Kb / 10P
Programmable Charge Current Up to 1000mA
More results

Similar Description - LP78092

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
Up to 1000mA | LED Driver
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
LP28012 POWER-LP28012 Datasheet
340Kb / 10P
Programmable Charge Current Up to 1200mA
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
LP28400 POWER-LP28400 Datasheet
1Mb / 17P
Programmable Charge Current Up to 3000mA
LP78071 POWER-LP78071 Datasheet
825Kb / 16P
Programmable Charge Current Up to 1000mA
LP78090 POWER-LP78090 Datasheet
655Kb / 10P
Programmable Charge Current Up to 1000mA
logo
Advanced Monolithic Sys...
TC4056A ADMOS-TC4056A Datasheet
1Mb / 18P
Up 1000mA Programmable charge current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com