Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78092 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP78092
Description  Programmable Charge Current Up to 1000mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78092 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP78092 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Preliminary Datasheet
LP78092
LP78092 – 00 Version 1.0 Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Functional Pin Description
Pa c k a g e Ty p e
Pi n C o n f i g u r a t i o n s
TQFN-16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SET
FB1
EN1
GND
LVIN1 LOUT1 LVIN2 LOUT2
EN2
FB2
BVIN
BVIN
CHRG
CE
STDBY BAT
GND
TOP VIEW
Pin Description
PIN No.
PIN
DESCRIPTION
1
SET
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is pro-
grammed by connecting a 1% resistor(R
PROG)to ground. When charging in constant-current mode, this
pin servos to 2V. In all modes, the voltage on this pin can be used to measure the charge current
using the following formula.LP78092: Iset=1000/RPROG.
2
FB1
Feedback pin for channel 1 LDO. The reference voltage is 0.8V.
3
EN1
Enable pin for channel 1 LDO. Active high.
4
GND
Ground pin.
5
LVIN1
Power supply for channel 1 LDO.
6
LOUT1
Output pin of Channel 1 LDO.
7
LVIN2
Power supply for channel 2 LDO.
8
LOUT2
Output pin of Channel 2 LDO.
9
EN2
Enable pin for channel 2 LDO. Active high.
10
FB2
Feedback pin for channel 2 LDO. The reference voltage is 0.8V.
11,12
BVIN
BVIN is the input power source for charger. Connect to a wall adapter.
13
BAT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed for stability when
there is no battery attached. When a battery is attached, only a 0.1µF ceramic capacitor is required.
14
STDBY
Open-Drain Complete Status Output. When the battery is charging, the STAT pin is pulled high by an
internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled Low.
15
CHRG
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by an
internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled High.
16
CE
Enable charger pin. Active high.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com