Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78092 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP78092
Description  Programmable Charge Current Up to 1000mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78092 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LP78092 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 9Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Preliminary Datasheet
LP78092
LP78092 – 00 Version 1.0 Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 10
Electrical Characteristics
(The specifications which apply over the full operating temperature range, otherwise specifications are at TA=25°C. LVIN1/2=BVIN=
5V, unless otherwise noted.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
Charge
VIN
Adapter/USB Voltage Range
3.9
5
6.5
V
ICC
Input Supply Current
Charge Mode, RSET = 10k
300
2000
uA
Standby Mode (Charge Terminated)
200
500
Shutdown Mode (RSET Not Connected, VCC
< VBAT, or VCC < VUV)
25
50
VFLOAT
Regulated Output (Float) Voltage
0°C ≤ TA ≤ 85°C, IBAT = 40mA
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RSET = 1k, Current Mode
900
1000
1100
mA
RSET = 2k, Current Mode
450
500
550
Standby Mode, VBAT = 4.2V
Shutdown Mode (RSET Not Connected)
Sleep Mode, VCC = 0V
0
-2.5
±1
±1
-6
±2
±2
uA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RSET = 2k
50
mA
VTRIKL
Trickle Charge Threshold Voltage
RSET = 10k, VBAT Rising
2.8
2.9
3.0
V
VTRHYS
Trickle Charge Hysteresis Voltage
RSET = 10k
120
mV
VUV
VCC Under voltage Lockout Threshold
From VCC Low to High
3.9
V
VUVHYS
VCC Under voltage Lockout Hysteresis
150
200
300
mV
VASD
VCC – VBAT Lockout Threshold Voltage
VCC from Low to High
70
100
140
mV
VCC from High to Low
5
30
50
mV
ITERM
C/10 Termination Current Threshold
RSET = 10k
0.085
0.10
0.115
mA/mA
RSET = 2k
0.085
0.10
0.115
mA/mA
VSET
SET Pin Voltage
RSET = 10k, Current Mode
2
V
VSTAT
STAT Pin Output Low Voltage
ISTAT = 5mA
0.35
0.6
V
ΔVRESTAT
Recharge Battery Threshold Voltage
VFLOAT - VRESTAT
100
150
200
mV
TLIM
Junction Temperature in Constant Temperature Mode
145
°C
RON
Power FET “ON” Resistance (Between VCC and BAT)
300
VCEL
Logic-Low Voltage
0.4
V
VCEH
Logic-High Voltage
1.4
LDO
VIN1
Supply voltage
2.5
6.5
V
ILOAD
Output Loading Current
VEN=VIN,VIN>2.5V
600
mA
ILIM
VFB
Current Limit
RLOAD = 1Ω
750
mA
VFB
Adjustable voltage reference
IOUT=1mA
0.784
0.8
0.816
V
IQ
Quiescent Current
VEN ≥ 1.4V, IOUT = 0mA
75
130
μA
VDROP
Dropout Voltage
IOUT = 200mA, VOUT >2.8V
140
160
mV
IOUT = 400mA, VOUT >2.8V
280
320
ΔVLINE
Line Regulation
VIN = (VOUT + 1V) to 5.5V, IOUT = 1mA
0.3
%
ΔVLOAD
Load Regulation
1mA < IOUT < 400mA
0.6
%
ISTBY
Standby Current
VEN = GND, Shutdown
0.01
1
μA
IEN
EN Input Bias Current
VEN = 1V or 5V
0.8
5.3
uA
VENL
Logic-Low Voltage
0.4
V
VENH
Logic-High Voltage
1.4
VN
Output Noise Voltage
10Hz to 100kHz,
IOUT = 200mA, COUT = 1µF
100
uVRMS
TSD
Thermal Shutdown Temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com