Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78092 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP78092
Description  Programmable Charge Current Up to 1000mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78092 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP78092 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78092 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary Datasheet
LP78092
LP78092 – 00 Version 1.0 Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 10
Absolute Maximum Ratings
Input Voltage to GND (LVIN1/2,BVIN) ------------------------------------------------------------------------ -0.3V to 6.5V
VOUT1/2 ------------------------------------------------------------------------------------------------------------------ -0.3V to 6V
BAT, SET, STAT, EN, CE ----------------------------------------------------------------------------------- -0.3V to VIN+0.3V
BAT Short-Circuit Duration -------------------------------------------------------------------------------------------- Continuous
BAT Pin Current ------------------------------------------------------------------------------------------------------------ 1200mA
Maximum Junction Temperature -------------------------------------------------------------------------------------------- 125°C
Operating Junction Temperature Range (TJ) ------------------------------------------------------------------ -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) ------------------------------------------------------------------- 260°C
Thermal Information
Maximum Power Dissipation (PD,TA<40°C) ------------------------------------------------------------------------------ 1.5W
Thermal Resistance (JA) ---------------------------------------------------------------------------------------------------- 68℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com