Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX148 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX148 Datasheet HTML 4Page - Maxim Integrated Products MAX148 Datasheet HTML 5Page - Maxim Integrated Products MAX148 Datasheet HTML 6Page - Maxim Integrated Products MAX148 Datasheet HTML 7Page - Maxim Integrated Products MAX148 Datasheet HTML 8Page - Maxim Integrated Products MAX148 Datasheet HTML 9Page - Maxim Integrated Products MAX148 Datasheet HTML 10Page - Maxim Integrated Products MAX148 Datasheet HTML 11Page - Maxim Integrated Products MAX148 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
8
_______________________________________________________________________________________
_______________Detailed Description
The MAX148/MAX149 analog-to-digital converters
(ADCs) use a successive-approximation conversion
technique and input track/hold (T/H) circuitry to convert
an analog signal to a 10-bit digital output. A flexible seri-
al interface provides easy interface to microprocessors
(µPs). Figure 3 is a block diagram of the MAX148/
MAX149.
Pseudo-Differential Input
The sampling architecture of the ADC’s analog com-
parator is illustrated in the equivalent input circuit
(Figure 4). In single-ended mode, IN+ is internally
switched to CH0–CH7, and IN- is switched to COM. In
differential mode, IN+ and IN- are selected from the fol-
lowing pairs: CH0/CH1, CH2/CH3, CH4/CH5, and
CH6/CH7. Configure the channels with Tables 2 and 3.
In differential mode, IN- and IN+ are internally switched
to either of the analog inputs. This configuration is
pseudo-differential to the effect that only the signal at IN+
is sampled. The return side (IN-) must remain stable within
±0.5LSB (±0.1LSB for best results) with respect to AGND
during a conversion. To accomplish this, connect a 0.1µF
capacitor from IN- (the selected analog input) to AGND.
During the acquisition interval, the channel selected
as the positive input (IN+) charges capacitor CHOLD.
The acquisition interval spans three SCLK cycles and
ends on the falling SCLK edge after the last bit of the
input control word has been entered. At the end of the
acquisition interval, the T/H switch opens, retaining
charge on CHOLD as a sample of the signal at IN+.
The conversion interval begins with the input multiplexer
switching CHOLD from the positive input (IN+) to the
negative input (IN-). In single-ended mode, IN- is simply
COM. This unbalances node ZERO at the comparator’s
input. The capacitive DAC adjusts during the remainder
of the conversion cycle to restore node ZERO to 0V
within the limits of 10-bit resolution. This action is equiv-
alent to transferring a 16pF x [(VIN+) - (VIN-)] charge
from CHOLD to the binary-weighted capacitive DAC,
which in turn forms a digital representation of the analog
input signal.
Track/Hold
The T/H enters its tracking mode on the falling clock
edge after the fifth bit of the 8-bit control word has been
shifted in. It enters its hold mode on the falling clock
edge after the eighth bit of the control word has been
shifted in. If the converter is set up for single-ended
inputs, IN- is connected to COM, and the converter
samples the “+” input. If the converter is set up for dif-
ferential inputs, IN- connects to the “-” input, and the
difference of
|IN+ - IN-| is sampled. At the end of the
conversion, the positive input connects back to IN+,
and CHOLD charges to the input signal.
The time required for the T/H to acquire an input signal
is a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
the acquisition time lengthens, and more time must be
INPUT
SHIFT
REGISTER
CONTROL
LOGIC
INT
CLOCK
OUTPUT
SHIFT
REGISTER
+1.21V
REFERENCE
(MAX149)
T/H
ANALOG
INPUT
MUX
10+2-BIT
SAR
ADC
IN
DOUT
SSTRB
VDD
DGND
AGND
SCLK
DIN
COM
REFADJ
VREF
OUT
REF
CLOCK
+2.500V
20k
*A
≈ 2.00 (MAX148)
10
11
12
9
15
16
17
18
19
CH6
7
CH4
5
CH2
3
CH0
1
CH7
8
CH5
6
CH3
4
CH1
2
MAX148
MAX149
CS
SHDN
20
14
13
≈ 2.06*
A
Figure 3. Block Diagram
CH0
CH2
CH4
CH6
CH1
CH3
CH5
CH7
COM
CSWITCH
TRACK
T/H
SWITCH
RIN
9k
CHOLD
HOLD
CAPACITIVE DAC
VREF
ZERO
COMPARATOR
–
+
16pF
SINGLE-ENDED MODE: IN+ = CH0–CH7, IN- = COM.
DIFFERENTIAL MODE: IN+ AND IN- SELECTED FROM PAIRS OF
CH0/CH1, CH2/CH3, CH4/CH5, AND CH6/CH7.
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES
FROM THE SELECTED IN+
CHANNEL TO THE SELECTED
IN- CHANNEL.
INPUT
MUX
Figure 4. Equivalent Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com