Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX148 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX148 Datasheet HTML 9Page - Maxim Integrated Products MAX148 Datasheet HTML 10Page - Maxim Integrated Products MAX148 Datasheet HTML 11Page - Maxim Integrated Products MAX148 Datasheet HTML 12Page - Maxim Integrated Products MAX148 Datasheet HTML 13Page - Maxim Integrated Products MAX148 Datasheet HTML 14Page - Maxim Integrated Products MAX148 Datasheet HTML 15Page - Maxim Integrated Products MAX148 Datasheet HTML 16Page - Maxim Integrated Products MAX148 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
______________________________________________________________________________________
13
from the burden of running the SAR conversion clock
and allows the conversion results to be read back at the
processor’s convenience, at any clock rate from 0MHz
to 2MHz. SSTRB goes low at the start of the conversion
and then goes high when the conversion is complete.
SSTRB is low for a maximum of 7.5µs (SHDN = FLOAT),
during which time SCLK should remain low for best
noise performance.
An internal register stores data when the conversion is
in progress. SCLK clocks the data out of this register at
any time after the conversion is complete. After SSTRB
goes high, the next falling clock edge produces the
MSB of the conversion at DOUT, followed by the
remaining bits in MSB-first format (Figure 9). CS does
not need to be held low once a conversion is started.
Pulling CS high prevents data from being clocked into
the MAX148/MAX149 and three-states DOUT, but it
does not adversely affect an internal clock mode con-
version already in progress. When internal clock mode
is selected, SSTRB does not go into a high-
impedance state when CS goes high.
Figure 10 shows the SSTRB timing in internal clock
mode. In this mode, data can be shifted in and out of
the MAX148/MAX149 at clock rates exceeding 2.0MHz if
the minimum acquisition time (tACQ) is kept above 1.5µs.
Data Framing
The falling edge of CS does not start a conversion.
The first logic high clocked into DIN is interpreted as a
start bit and defines the first bit of the control byte. A
conversion starts on SCLK’s falling edge, after the eighth
SSTRB
CS
SCLK
DIN
DOUT
1
4
8
12
18
20
24
START
SEL2 SEL1 SEL0
UNI/
BIP
SGL/
DIF
PD1
PD0
B9
MSB
B8
B7
S0
S1
B0
LSB
FILLED WITH
ZEROS
IDLE
CONVERSION
7.5
µs MAX
(SHDN = FLOAT)
2
3
5
6
7
9
10
11
19
21
22
23
tCONV
ACQUISITION
(fSCLK = 2MHz)
IDLE
A/D STATE
1.5
µs
Figure 9. Internal Clock Mode Timing
PD0 CLOCK IN
tSSTRB
tCSH
tCONV
tSCK
SSTRB
SCLK
DOUT
tCSS
tDO
NOTE: FOR BEST NOISE PERFORMANCE, KEEP SCLK LOW DURING CONVERSION.
CS
Figure 10. Internal Clock Mode SSTRB Detailed Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com