Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX148 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX148 Datasheet HTML 2Page - Maxim Integrated Products MAX148 Datasheet HTML 3Page - Maxim Integrated Products MAX148 Datasheet HTML 4Page - Maxim Integrated Products MAX148 Datasheet HTML 5Page - Maxim Integrated Products MAX148 Datasheet HTML 6Page - Maxim Integrated Products MAX148 Datasheet HTML 7Page - Maxim Integrated Products MAX148 Datasheet HTML 8Page - Maxim Integrated Products MAX148 Datasheet HTML 9Page - Maxim Integrated Products MAX148 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
6
_______________________________________________________________________________________
2.00
0.50
2.25
2.75
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
1.75
1.25
1.50
1.00
0.75
SUPPLY VOLTAGE (V)
3.75
5.25
3.25
4.25
4.75
RL = ∞
CODE = 1010101000
CLOAD = 50pF
MAX148
MAX149
CLOAD = 20pF
0
2.25
2.75
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
3.0
2.5
1.5
2.0
1.0
0.5
SUPPLY VOLTAGE (V)
3.75
5.25
3.25
4.25
4.75
FULL POWER-DOWN
2.5020
2.4990
2.25
2.75
MAX149
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
2.5015
2.5005
2.5010
2.5000
2.4995
SUPPLY VOLTAGE (V)
3.75
5.25
3.25
4.25
4.75
0.8
0.9
1.0
1.1
1.2
1.3
-60
-20
20
60
100
140
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX148
MAX149
RLOAD = ∞
CODE = 1010101000
0
0.4
0.8
1.2
1.6
2.0
-60
-20
20
60
100
140
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
2.494
2.495
2.496
2.497
2.498
2.499
2.500
2.501
-60
-20
20
60
100
140
MAX149
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 2.7V
VDD = 3.6V
VDD = 5.25V
____________________________Typical Operating Characteristics (continued)
(VDD = 3.0V, VREF = 2.500V, fSCLK = 2.0MHz, CLOAD = 20pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com