Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX148 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX148 Datasheet HTML 16Page - Maxim Integrated Products MAX148 Datasheet HTML 17Page - Maxim Integrated Products MAX148 Datasheet HTML 18Page - Maxim Integrated Products MAX148 Datasheet HTML 19Page - Maxim Integrated Products MAX148 Datasheet HTML 20Page - Maxim Integrated Products MAX148 Datasheet HTML 21Page - Maxim Integrated Products MAX148 Datasheet HTML 22Page - Maxim Integrated Products MAX148 Datasheet HTML 23Page - Maxim Integrated Products MAX148 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
22
______________________________________________________________________________________
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
TOP VIEW
DIP/SSOP
VDD
SCLK
CS
DIN
SSTRB
DOUT
DGND
AGND
REFADJ
VREF
SHDN
COM
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
MAX148
MAX149
__________________Pin Configuration
___________________Chip Information
TRANSISTOR COUNT: 2554
†
Contact factory for availability of alternate surface-mount
packages.
*
Contact factory for availability of CERDIP package, and for
processing to MIL-STD-883B.
Ordering Information (continued)
±1
±1/2
20 CERDIP*
-55°C to +125°C
MAX149BMJP
±1
20 CERDIP*
-55°C to +125°C
±1/2
20 SSOP
-40°C to +85°C
MAX149AMJP
MAX149BEAP
20 SSOP
-40°C to +85°C
MAX149AEAP
±1
±1/2
20 Plastic DIP
-40°C to +85°C
MAX149BEPP
±1
20 Plastic DIP
-40°C to +85°C
±1/2
20 SSOP
0°C to +70°C
±1
±1/2
MAX149AEPP
MAX149BCAP
20 SSOP
20 Plastic DIP
20 Plastic DIP
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX149ACAP
MAX149BCPP
MAX149ACPP
±1
±1/2
20 CERDIP*
-55°C to +125°C
MAX148BMJP
20 CERDIP*
-55°C to +125°C
MAX148AMJP
±1
±1/2
20 SSOP
-40°C to +85°C
±1
±1/2
INL
(LSB)
MAX148BEAP
20 SSOP
20 Plastic DIP
20 Plastic DIP
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX148AEAP
MAX148BEPP
MAX148AEPP
PART
†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com