Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX148 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX148 Datasheet HTML 3Page - Maxim Integrated Products MAX148 Datasheet HTML 4Page - Maxim Integrated Products MAX148 Datasheet HTML 5Page - Maxim Integrated Products MAX148 Datasheet HTML 6Page - Maxim Integrated Products MAX148 Datasheet HTML 7Page - Maxim Integrated Products MAX148 Datasheet HTML 8Page - Maxim Integrated Products MAX148 Datasheet HTML 9Page - Maxim Integrated Products MAX148 Datasheet HTML 10Page - Maxim Integrated Products MAX148 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
VDD
6k
DGND
DOUT
CLOAD
50pF
CLOAD
50pF
DGND
6k
DOUT
a) High-Z to VOH and VOL to VOH
b) High-Z to VOL and VOH to VOL
VDD
6k
DGND
DOUT
CLOAD
50pF
CLOAD
50pF
DGND
6k
DOUT
a) VOH to High-Z
b) VOL to High-Z
Figure 1. Load Circuits for Enable Time
Figure 2. Load Circuits for Disable Time
Input to the Reference-Buffer Amplifier. To disable the reference-buffer amplifier, tie REFADJ to VDD.
REFADJ
12
Serial-Strobe Output. In internal clock mode, SSTRB goes low when the MAX148/MAX149 begin the
A/D conversion, and goes high when the conversion is finished. In external clock mode, SSTRB pulses
high for one clock period before the MSB decision. High impedance when CS is high (external clock
mode).
SSTRB
16
Serial-Data Input. Data is clocked in at SCLK’s rising edge.
DIN
17
Active-Low Chip Select. Data will not be clocked into DIN unless CS is low. When CS is high, DOUT is
high impedance.
CS
18
Serial-Clock Input. Clocks data in and out of serial interface. In external clock mode, SCLK also sets
the conversion speed. (Duty cycle must be 40% to 60%.)
SCLK
19
Reference-Buffer Output/ADC Reference Input. Reference voltage for analog-to-digital conversion.
In internal reference mode (MAX149 only), the reference buffer provides a 2.500V nominal output,
externally adjustable at REFADJ. In external reference mode, disable the internal buffer by pulling
REFADJ to VDD.
VREF
11
Analog Ground
AGND
13
Digital Ground
DGND
14
Serial-Data Output. Data is clocked out at SCLK’s falling edge. High impedance when CS is high.
DOUT
15
Three-Level Shutdown Input. Pulling SHDN low shuts the MAX148/MAX149 down; otherwise, they are
fully operational. Pulling SHDN high puts the reference-buffer amplifier in internal compensation mode.
Letting SHDN float puts the reference-buffer amplifier in external compensation mode.
SHDN
10
Ground reference for analog inputs. COM sets zero-code voltage in single-ended mode. Must be
stable to ±0.5LSB.
COM
9
PIN
Sampling Analog Inputs
CH0–CH7
1–8
FUNCTION
NAME
Positive Supply Voltage
VDD
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com