Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3003 Datasheet(PDF) 2 Page - LDT Co., Ltd

Part # LD3003
Description  128 Segment LCD Controller and Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD3003 Datasheet(HTML) 2 Page - LDT Co., Ltd

  LD3003 Datasheet HTML 1Page - LDT Co., Ltd LD3003 Datasheet HTML 2Page - LDT Co., Ltd LD3003 Datasheet HTML 3Page - LDT Co., Ltd LD3003 Datasheet HTML 4Page - LDT Co., Ltd LD3003 Datasheet HTML 5Page - LDT Co., Ltd LD3003 Datasheet HTML 6Page - LDT Co., Ltd LD3003 Datasheet HTML 7Page - LDT Co., Ltd LD3003 Datasheet HTML 8Page - LDT Co., Ltd LD3003 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ver1.1
2
LD3003
128 Segment LCD Controller and Driver
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
OVERVIEW
LD3003, LCD Display Driver IC with microcontroller displays 1/4-duty LCD with up to 128 segments.
LD3003 uses a serial interface data input protocol. This device is compatible with MC14LC5003 of MOTOROLA.
FEATURES
• Supports 1/4 duty LCD drive under serial data control.
• Drives up to 128 segments.
• Supports serial interface data input protocol with the system controller.
• Operating Voltage Range : 2.7V ~ 5.5V
• Quiescent Supply Current : 30uA @ 2.7V V
DD
• Operating Temperature Range : -40 to 85oC
• Package : 52MQFP, 44MQFP
• Major Applications : Segmented Alphanumeric, Bar Graph, Dot matrix, Custom
PART NUMBER
PACKAGE
Ta
LD3003-52QFP
52 QFP
-40°C to 85 °C
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com