Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3003 Datasheet(PDF) 3 Page - LDT Co., Ltd

Part # LD3003
Description  128 Segment LCD Controller and Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD3003 Datasheet(HTML) 3 Page - LDT Co., Ltd

  LD3003 Datasheet HTML 1Page - LDT Co., Ltd LD3003 Datasheet HTML 2Page - LDT Co., Ltd LD3003 Datasheet HTML 3Page - LDT Co., Ltd LD3003 Datasheet HTML 4Page - LDT Co., Ltd LD3003 Datasheet HTML 5Page - LDT Co., Ltd LD3003 Datasheet HTML 6Page - LDT Co., Ltd LD3003 Datasheet HTML 7Page - LDT Co., Ltd LD3003 Datasheet HTML 8Page - LDT Co., Ltd LD3003 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ver1.1
3
LD3003
128 Segment LCD Controller and Driver
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
Parameter
Symbol
Conditions
Ratings
Unit
Maximum Supply Voltage
VDD max
VDD
–0.5 to +6.5
V
VLCD max
VLCD
–0.5 to +6.5
V
Input Voltage
VIN 1
DIN, DCLK, ENB
–0.5 to +6.5
V
VIN 2
OSC1
–0.5 to VDD + 0.5
V
Output Voltage
VOUT 1
OSC2
–0.5 to VDD + 0.5
V
VOUT 2
SEG1 to SEG32, COM1 to COM4
–0.5 to VLCD + 0.5
V
Output Current
IOUT 1
SEG1 to SEG32
300
µA
IOUT 2
COM1 to COM4
1
mA
Allowable Power
Dissipation
Pd max
Ta = 85°C
150
mW
Operating Temperature
Topr
–40 to +85
°C
Storage Temperature
Tstg
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS
(Ta = 25°C, VSS = 0 V)
ELECTRICAL CHARACTERISTICS (Ta = 25°C, VSS = 0 V)
Parameter
Symbol
VDD
VLCD
Min
Typical
Max
Unit
Input High-level Voltage
VIH
2.8
5
2
V
5.5
5
3.85
Input Low-level Voltage
VIL
2.8
5
0.85
V
5.5
5
1.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com