Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3003 Datasheet(PDF) 4 Page - LDT Co., Ltd

Part # LD3003
Description  128 Segment LCD Controller and Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD3003 Datasheet(HTML) 4 Page - LDT Co., Ltd

  LD3003 Datasheet HTML 1Page - LDT Co., Ltd LD3003 Datasheet HTML 2Page - LDT Co., Ltd LD3003 Datasheet HTML 3Page - LDT Co., Ltd LD3003 Datasheet HTML 4Page - LDT Co., Ltd LD3003 Datasheet HTML 5Page - LDT Co., Ltd LD3003 Datasheet HTML 6Page - LDT Co., Ltd LD3003 Datasheet HTML 7Page - LDT Co., Ltd LD3003 Datasheet HTML 8Page - LDT Co., Ltd LD3003 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Ver1.1
4
LD3003
128 Segment LCD Controller and Driver
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
Parameter
Symbol
VDD
VLCD
Min
Typical
Max
Unit
Frequencies
OSC2 Frequenct @ R1; R1
=200 ㏀
OSC2 Frequenct @ R2; R2
=996 ㏀)
FOSC2
5
5
100
-
150
KHz
FOSC2
5
5
23
-
33
Supply Standby Current
(No Clock)
IDDS
2.7
-
-
15
30
μA
5.5
-
-
18
50
ILCDS
-
2.7
-
20
800
-
5.5
-
150
1500
Supply Current
No Loading
Loading = 270pF
IDDQ
2.7
-
30
μA
2.7
-
70
No Loading
Loading = 270pF
5.5
-
170
5.5
-
400
No Loading
No Loading
ILCDQ
-
2.7
40
-
5.5
70
Input Leakage
IIH
-
-
-0.1
0.1
μA
IIL
-
-
-0.1
0.1
μA
Output high-level Voltage
Seg to Seg32, IO=-20uA
Com1 to Com4, IO=-100uA
VOH1
2.7
2.7
VLCD-0.15
VLCD-0.1
VLCD
V
VOH2
2.7
2.7
VLCD-0.15
VLCD-0.1
VLCD
Output low-level Voltage
Seg to Seg32, IO=20uA
Com1 to Com4, IO=100uA
VOL1
2.7
2.7
-
0.1
0.15
V
VOL2
2.7
2.7
-
0.1
0.15
ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com