Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3003 Datasheet(PDF) 9 Page - LDT Co., Ltd

Part # LD3003
Description  128 Segment LCD Controller and Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD3003 Datasheet(HTML) 9 Page - LDT Co., Ltd

Back Button LD3003 Datasheet HTML 5Page - LDT Co., Ltd LD3003 Datasheet HTML 6Page - LDT Co., Ltd LD3003 Datasheet HTML 7Page - LDT Co., Ltd LD3003 Datasheet HTML 8Page - LDT Co., Ltd LD3003 Datasheet HTML 9Page - LDT Co., Ltd LD3003 Datasheet HTML 10Page - LDT Co., Ltd LD3003 Datasheet HTML 11Page - LDT Co., Ltd LD3003 Datasheet HTML 12Page - LDT Co., Ltd LD3003 Datasheet HTML 13Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Ver1.1
9
LD3003
128 Segment LCD Controller and Driver
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
LD3003
PIN DISCREPTION
Pin Name
Pin NO
(52MQFP)
Functions
I/O
Handling
when
unused
SEG32 to
SEG1
1 to 13
15 to 19
22 to 25
27 to 36
Segment outputs for displaying the display data transferred by
serial data input.
O
Open
COM4
to
COM1
45
to
48
Common driver outputs.
The frame frequency fO is given by: fO = 100 Hz at fosc=100KHz.
O
Open
OSC1
51
Oscillator input pin. Connected resistor with OSC2 pin.
I
GND
OSC2
50
Oscillator output pin. Connected resistor with OSC1 pin.
O
Open
DCLK
DIN
ENB
38
39
41
Synchronization clock input pin.
Transfer data input pin.
Enable input pin.
These pins are connected to the microcontroller.
I
GND
VLCD
20
Used to apply the LCD drive voltage externally.
I
Open
VDD
49
Logic block power supply.
Provide a voltage in the range 2.7 to 5.5 V.
-
-
NC
14
26
37
40
42
43
44
52
No connection pins
-
Open
VSS
21
Ground pin. Connect to ground.
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com