Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3003 Datasheet(PDF) 10 Page - LDT Co., Ltd

Part # LD3003
Description  128 Segment LCD Controller and Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD3003 Datasheet(HTML) 10 Page - LDT Co., Ltd

Back Button LD3003 Datasheet HTML 6Page - LDT Co., Ltd LD3003 Datasheet HTML 7Page - LDT Co., Ltd LD3003 Datasheet HTML 8Page - LDT Co., Ltd LD3003 Datasheet HTML 9Page - LDT Co., Ltd LD3003 Datasheet HTML 10Page - LDT Co., Ltd LD3003 Datasheet HTML 11Page - LDT Co., Ltd LD3003 Datasheet HTML 12Page - LDT Co., Ltd LD3003 Datasheet HTML 13Page - LDT Co., Ltd LD3003 Datasheet HTML 14Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Ver1.1
10
LD3003
128 Segment LCD Controller and Driver
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
SERIAL DATA TRANSFER FORMAT
WHEN ENB PIN IS FIXED TO VDD
b) Continuous Transfer Case
a) 128 bit Data Only Transfer Case
DCLK
ENB (ENB = H)
START
8 bits Address
128 bits Data
STOP
Internal Data
Latch Signal
DIN
COM4 COM3 COM2 COM1 COM4 COM3 COM2 COM1
COM4 COM3 COM2 COM1
SEG1
SEG2
SEG32
DCLK
ENB (ENB = H)
START
8 bits Address
128 bits Data
Internal Data
Latch Signal
Next 128 bits Data
DIN
COM4 COM3 COM2 COM1
COM4 COM3 COM2 COM1
COM4 COM3 COM2 COM1
SEG1
SEG32
SEG1
Before communication with LD3003 can begin, a start condition must be set up on the bus by the transmitter. To
establish a start condition, the transmitter must pull the data line( DIN ) low for at least one clock-pulse time while
the clock line( DCLK ) is high. The “idle” state for the clock line and data line is the high state. After the start
condition has been established, an 8 bits address( 01111110 ) should be sent by the transmitter. If the address
sent corresponds to the address of LD3003 then on each successive clock pulse, the addressed device will accept
a data bit.
If the ENB pin is permanently high, then the addressed LD3003’s internal counter latches the data to be displayed
after 128 data bits have been received. Otherwise, the control of this latch function may be overridden by holding
the ENB line low until the new data is required to be displayed, then a high pulse should be sent on the ENB line.
The high pulse must be sent during DCLK high( clock idle ). To end communication with LD3003, a stop condition
should be setup on the bus( or another start condition maybe set up if another communication is desired. ).
To establish a stop condition, the transmitter must pull the data line high for at least one clock-pulse time while the
clock line is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com