Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX303 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX303
Description  짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX303 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX303 Datasheet HTML 4Page - Maxim Integrated Products MAX303 Datasheet HTML 5Page - Maxim Integrated Products MAX303 Datasheet HTML 6Page - Maxim Integrated Products MAX303 Datasheet HTML 7Page - Maxim Integrated Products MAX303 Datasheet HTML 8Page - Maxim Integrated Products MAX303 Datasheet HTML 9Page - Maxim Integrated Products MAX303 Datasheet HTML 10Page - Maxim Integrated Products MAX303 Datasheet HTML 11Page - Maxim Integrated Products MAX303 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Detailed Description
The MAX3030E–MAX3033E are high-speed quad RS-
422 transmitters designed for digital data transmission
over balanced lines. They are designed to meet the
requirements of TIA/EIA-422-B and ITU-T V.11. The
MAX3030E–MAX3033E are available in two pinouts to
be compatible with both the 26LS31 and SN75174
industry-standard devices. Both are offered in 20Mbps
and 2Mbps baud rate. All versions feature a low-static
current consumption (ICC < 100µA) that makes them
ideal for battery-powered and power-conscious appli-
cations. The 20Mbps version has a maximum propaga-
tion delay of 16ns and a part-to-part skew less than
5ns, allowing these devices to drive parallel data. The
2Mbps version is slew-rate-limited to reduce EMI and
reduce reflections caused by improperly terminated
cables.
Outputs have enhanced ESD protection providing
±15kV tolerance. All parts feature hot-swap capability
that eliminates false transitions on the data cable dur-
ing power-up or hot insertion.
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures
are incorporated on all pins to protect against electro-
static discharges encountered during handling and
assembly. The driver outputs and receiver inputs have
extra protection against static electricity. Maxim’s engi-
neers developed state-of-the-art structures to protect
these pins against ESD of ±15kV without damage. The
ESD structures withstand high ESD in all states: normal
operation and power-down. After an ESD event, the
MAX3030E–MAX3033E keep working without latchup.
ESD protection can be tested in various ways; the
transmitter outputs of this product family are character-
ized for protection to ±15kV using the Human Body
Model. Other ESD test methodologies include
IEC10004-2 Contact Discharge and IEC1000-4-2 Air-
Gap Discharge (formerly IEC801-2).
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test setup, test methodology, and test results.
Human Body Model
Figure 8 shows the Human Body Model, and Figure 9
shows the current waveform it generates when dis-
charged into low impedance. This model consists of a
100pF capacitor charged to the ESD voltage of interest,
which is then discharged into the test device through a
1.5k
Ω resistor.
±15kV ESD-Protected, 3.3V Quad
RS-422 Transmitters
8
_______________________________________________________________________________________
DI
VCC
GND
A
A
DO_-
DO_+
Figure 7. Power-Off Measurements
Test Circuits and
Timing Diagrams (continued)
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
Ω
RD
1.5k
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 8. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPS
Figure 9. Human Body Current Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com