Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX303 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX303
Description  짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX303 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX303 Datasheet HTML 1Page - Maxim Integrated Products MAX303 Datasheet HTML 2Page - Maxim Integrated Products MAX303 Datasheet HTML 3Page - Maxim Integrated Products MAX303 Datasheet HTML 4Page - Maxim Integrated Products MAX303 Datasheet HTML 5Page - Maxim Integrated Products MAX303 Datasheet HTML 6Page - Maxim Integrated Products MAX303 Datasheet HTML 7Page - Maxim Integrated Products MAX303 Datasheet HTML 8Page - Maxim Integrated Products MAX303 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
±15kV ESD-Protected, 3.3V Quad
RS-422 Transmitters
_______________________________________________________________________________________
5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3
2
1
20
40
60
80
100
0
04
DRIVERS ENABLED
TA = +85
°C
TA = +25
°C
TA = 0
°C
MAX3030E/MAX3032E
SUPPLY CURRENT vs. DATA RATE
DATA RATE (bps)
10M
1M
100k
10k
1k
5
10
15
20
25
30
0
0.1k
100M
NO RESISTIVE LOAD, CL = 200pF,
ALL FOUR
TRANSMITTERS
SWITCHING
MAX3031E/MAX3033E
SUPPLY CURRENT vs. DATA RATE
DATA RATE (bps)
1M
100k
10k
1k
0.5
1.0
1.5
2.0
2.5
0
0.1k
10M
NO RESISTIVE LOAD, CL = 200pF,
ALL FOUR
TRANSMITTERS
SWITCHING
MAX3030E/MAX3032E
SUPPLY CURRENT vs. DATA RATE
DATA RATE (bps)
10M
1M
100k
10k
1k
90
100
110
120
130
80
0.1k
100M
ALL FOUR TRANSMITTERS
LOADED AND SWITCHING
RL = 100
Ω, CL = 200pF
MAX3031E/MAX3033E
SUPPLY CURRENT vs. DATA RATE
DATA RATE (bps)
1M
100k
10k
1k
91
94
97
100
88
0.1k
10M
ALL FOUR TRANSMITTERS
LOADED AND SWITCHING
RL = 100
Ω, CL = 200pF
MAX3030E
DRIVER PROPAGATION DELAY
(LOW TO HIGH)
MAX3030E toc09
10ns/div
DIFFERENTIAL
OUTPUT
2V/div
DI_
1V/div
MAX3030E
DRIVER PROPAGATION DELAY
(HIGH TO LOW)
MAX3030E toc10
10ns/div
DIFFERENTIAL
OUTPUT
2V/div
DI_
1V/div
MAX3031E
DRIVER PROPAGATION DELAY
(LOW TO HIGH)
MAX3030E toc11
20ns/div
DIFFERENTIAL
OUTPUT
2V/div
DI_
1V/div
MAX3031E
DRIVER PROPAGATION DELAY
(HIGH TO LOW)
MAX3030E toc12
20ns/div
DIFFERENTIAL
OUTPUT
2V/div
DI_
1V/div
Typical Operating Characteristics (continued)
(VCC = +3.3V and TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com