Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX303 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX303
Description  짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX303 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX303 Datasheet HTML 3Page - Maxim Integrated Products MAX303 Datasheet HTML 4Page - Maxim Integrated Products MAX303 Datasheet HTML 5Page - Maxim Integrated Products MAX303 Datasheet HTML 6Page - Maxim Integrated Products MAX303 Datasheet HTML 7Page - Maxim Integrated Products MAX303 Datasheet HTML 8Page - Maxim Integrated Products MAX303 Datasheet HTML 9Page - Maxim Integrated Products MAX303 Datasheet HTML 10Page - Maxim Integrated Products MAX303 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
±15kV ESD-Protected, 3.3V Quad
RS-422 Transmitters
_______________________________________________________________________________________
7
Test Circuits and Timing Diagrams
DI_
VOD
RL
CL
CL
CL
DO_+
DO_-
Figure 2. Differential Driver Propagation Delay and Transition
Time Test Circuit
VOC
VOD
DI_+
DI_-
RL
2
RL
2
Figure 1. Differential Driver DC Test Circuit
OUTPUT
UNDER TEST
CL
RL
VCC
S1
S2
ENABLE SIGNAL IS ONE OF THE POSSIBLE
ENABLE CONFIGURATIONS (SEE TRUTH TABLE).
Figure 4. Driver Enable/Disable Delays Test Circuit
DI
3V
0V
DO_-
DO_+
VO
0V
-VO
VO
1.5V
1.5V
tDPLH
tDPHL
1/2 VO
10%
tR
90%
90%
1/2 VO
10%
tF
VDIFF = V (DO_+) - V (DO_-)
VDIFF
tSKEW = |tDPLH - tDPHL|
Figure 3. Differential Driver Propagation Delay and Transition
Waveform
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
VOL
0V
1.5V
1.5V
1.5V
1.5V
EN
VOH
tDZL
tDZH
tDLZ
tDHZ
VOL + 0.3V
VOH - 0.3V
ENABLE SIGNAL IS ONE OF THE POSSIBLE
ENABLE CONFIGURATIONS (SEE TRUTH TABLE).
Figure 5. Driver Enable/Disable Waveform
DI
VCC
GND
A
A
DO_-
DO_+
Figure 6. Short-Circuit Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com