Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX303 Datasheet (PDF) - Maxim Integrated Products

MAX303 Datasheet PDF - Maxim Integrated Products
Part # MAX303
Download  MAX303 Download
File Size   326.23 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters

MAX303 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX303 Datasheet PDF - Maxim Integrated Products

Part # MAX303
Download  MAX303 Click to download

File Size   326.23 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters

MAX303 Datasheet (HTML) - Maxim Integrated Products


MAX303 Product details

General Description
The MAX3030E–MAX3033E family of quad RS-422 transmitters send digital data transmission signals over twisted-pair balanced lines in accordance with TIA/EIA-422-B and ITU-T V.11 standards. All transmitter outputs are protected to ±15kV using the Human Body Model. The MAX3030E–MAX3033E are available with either a 2Mbps or 20Mbps guaranteed baud rate. The 2Mbps baud rate transmitters feature slew-rate-limiting to minimize EMI and reduce reflections caused by improperly terminated cables.

Features
♦ Meet TIA/EIA-422-B (RS-422) and ITU-T V.11 Recommendation
♦ ±15kV ESD Protection on Tx Outputs
♦ Hot-Swap Functionality
♦ Guaranteed 20Mbps Data Rate (MAX3030E,MAX3032E)
♦ Slew-Rate-Controlled 2Mbps Data Rate(MAX3031E, MAX3033E)
♦ Available in 16-Pin TSSOP and Narrow SO Packages
♦ Low-Power Design (<330µW, VCC = 3.3V Static)
♦ +3.3V Operation
♦ Industry-Standard Pinout
♦ Thermal Shutdown




Similar Part No. - MAX303

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX303 MAXIM-MAX303 Datasheet
93Kb / 8P
Precision, Dual, High-Speed Analog Switches
Rev 0; 9/93
MAX3030ECSE MAXIM-MAX3030ECSE Datasheet
326Kb / 14P
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3030ECUE MAXIM-MAX3030ECUE Datasheet
326Kb / 14P
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3030EESE MAXIM-MAX3030EESE Datasheet
326Kb / 14P
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
More results


Similar Description - MAX303

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
May 31, 2006
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
November 4, 2005
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com