Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX303 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX303
Description  짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX303 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX303 Datasheet HTML 1Page - Maxim Integrated Products MAX303 Datasheet HTML 2Page - Maxim Integrated Products MAX303 Datasheet HTML 3Page - Maxim Integrated Products MAX303 Datasheet HTML 4Page - Maxim Integrated Products MAX303 Datasheet HTML 5Page - Maxim Integrated Products MAX303 Datasheet HTML 6Page - Maxim Integrated Products MAX303 Datasheet HTML 7Page - Maxim Integrated Products MAX303 Datasheet HTML 8Page - Maxim Integrated Products MAX303 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
±15kV ESD-Protected, 3.3V Quad
RS-422 Transmitters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(3V
≤ VCC ≤ 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All Voltages Are Referenced to Device Ground, Unless
Otherwise Noted)
VCC ........................................................................................+6V
EN1&2, EN3&4, EN, EN............................................-0.3V to +6V
DI_ ............................................................................-0.3V to +6V
DO_+, DO_- (normal condition) .................-0.3V to (VCC + 0.3V)
DO_+, DO_- (power-off or three-state condition).....-0.3V to +6V
Driver Output Current per Pin.........................................±150mA
Continuous Power Dissipation (TA = +70°C)
16-Pin SO (derate 8.70mW/°C above +70°C)..............696mW
16-Pin TSSOP (derate 9.40mW/°C above +70°C) .......755mW
Operating Temperature Ranges
MAX303_EC_ ......................................................0°C to +70°C
MAX303_EE_ ...................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER OUTPUT: DO_+, DO_-
VOD1
RL = 100
Ω, Figure 1
2.0
VOD2
RL =
∞, Figure 1
3.6
Differential Driver Output
VOD3
RL = 3.9k
Ω (for compliance with V.11),
Figure 1
3.6
V
Change in Differential Output
Voltage
∆VOD
RL = 100
Ω (Note 2)
-0.4
+0.4
V
Driver Common-Mode Output
Voltage
VOC
RL = 100
Ω, Figure 1
3
V
Change in Common-Mode
Voltage
∆VOC
RL = 100
Ω (Note 2)
-0.4
+0.4
V
Three-State Leakage Current
IOZ
VOUT = VCC or GND, driver disabled
±10
µA
Output Leakage Current
IOFF
VCC = 0V, VOUT = 3V or 6V
20
µA
Driver Output Short-Circuit
Current
ISC
VOUT = 0V, VIN = VCC or GND
(Note 3)
-150
mA
INPUTS: EN,
EN, EN1&2, EN3&4
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.4
V
Input Current
ILEAK
±2
µA
Hot-Swap Driver Input Current
IHOTSWAP
EN, EN, EN1&2, EN3&4 (Note 4)
±200
µA
SUPPLY CURRENT
Supply Current
ICC
No load
100
µA
THERMAL PROTECTION
Thermal-Shutdown Threshold
TSH
160
°C
Thermal-Shutdown Hysteresis
10
°C
ESD Protection DO_
Human Body Model
±15
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com